Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 328 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 328 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 322Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 323Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 324Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 325Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 326Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 327Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 328Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 329Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 330Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 328 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
328
30 PACKAGE DIAGRAM
DM040.C
B: 129 BALL BGA PLASTIC PACKAGE 7 X 7 X 0.94 mm BODY, 0.50 mm BALL PITCH
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. THIS DIMENSION INCLUDES STAND-OFF HEIGHT ‘A1’.
3. DIMENSION ‘b’ IS MEASURED AT THE MAXIMUM SOLDER BALL DIAMETER, PARALLEL TO PRIMARY DATUM -Z-.
4. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
5. BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE PACKAGE BODY.
6. ‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
7. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
8. FALLS WITHIN JEDEC, MO-195
A1
0.28
0.18
b
D
D1
E
E1
e
0.37
0.27
7.00 BSC
6.00 BSC
0.50 BSC
7.00 BSC
6.00 BSC
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
1.00
A2
0.66
0.10
aaa
bbb
ccc
0.08
0.15
Tolerances of Form and Position
ddd
0.05
6
3
Y
Z
ccc
X
DETAIL 1
SOLDER BALL
b
Z
ddd
DETAIL 2
A1
Z
aaa
Z
bbb
Z
1
A1
CORNER
TOP VIEW
E
Z
0.10
2 X
D
5
4
DETAIL 2
A
A2
2
Z
0.10
2 X
DETAIL 1
e
BOTTOM VIEW
6
1
98
76
54
32
10
11
12
13
A
D
C
B
J
H
G
F
E
K
L
M
N
e
E1
D1
SIDE VIEW
REF:
JEDEC, MO-195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com