Electronic Components Datasheet Search
  English  ▼

X  

WM8352 Datasheet(PDF) 223 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 223 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 224Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 225Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 226Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 227Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
223
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1
PCCOMP_HIB_MODE
0
Function of the Hysteresis Comp in hibernate.
0 = Hysteresis Comp is not used in hibernate
1 = Hysteresis Comp is on in hibernate
0
TEMPMON_HIB_MODE
0
Function of the temp monitoring in hibernate.
0 = Temp monitoring is off in hibernate state
1 = Temp monitoring is on in the hibernate
state
Register 05h System Hibernate
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R6 (06h)
Interface
Control
15
USE_DEV_PINS
1
Selects which pins to use for the 2-wire control:
0 = Use 2-wire I/F pins as 2-wire interface
1 = Use GPIO 10 and 11 as 2-wire interface, e.g.
to download settings from PIC.
Only applies when CONFIG pins[1:0] = 00.
Reset by state machine.
14:13
DEV_ADDR[1:0]
00
Selects device address (only valid when
CONF_STS = 00)
00 = 0x34
01 = 0x36
10 = 0x3C
11 = 0x3E
Reset by state machine.
12
CONFIG_DONE
0
Tells the system that the PIC micro has
completed its programming.
0 = Programming still to be done
1 = Programming complete
Only applies when CONFIG pins[1:0] = 00.
Reset by state machine.
11
RECONFIG_AT_ON
1
Selects whether to reset the registers in the OFF
state and whether to reload the device
configuration from the PIC when an ON event
occurs.
0 = Do not reset registers in the OFF state. Do not
load configuration data when an ON event occurs.
1 = Reset registers in the OFF state. Load
configuration from the PIC when an ON event
occurs.
Note that, in development mode, the device
configuration from the PIC is always loaded when
first powering up the chip.
This bit must always be set to default (1) in
Custom Modes 01, 10 and 11.
9
AUTOINC
1
Enables address auto-increment
0 = disabled
1 = enabled
Reset by state machine.
3
SPI_CFG
0
Controls the SDOUT (GPIO6) pin operation in 4
wire mode
0 = SDOUT output is CMOS
1 = SDOUT output is open drain
Note: SPI_4WIRE must be set for this to take
effect.
Protected by security key. Default held in metal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com