Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 1 Page - Analog Devices

  AD7707 Datasheet HTML 1Page - Analog Devices AD7707 Datasheet HTML 2Page - Analog Devices AD7707 Datasheet HTML 3Page - Analog Devices AD7707 Datasheet HTML 4Page - Analog Devices AD7707 Datasheet HTML 5Page - Analog Devices AD7707 Datasheet HTML 6Page - Analog Devices AD7707 Datasheet HTML 7Page - Analog Devices AD7707 Datasheet HTML 8Page - Analog Devices AD7707 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7707
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
3 V/5 V,
10 V Input Range, 1 mW
3-Channel 16-Bit, Sigma-Delta ADC
FUNCTIONAL BLOCK DIAGRAM
AVDD
REF IN(–)
REF IN(+)
AD7707
MUX
PGA
CHARGE
BALANCING
A/D CONVERTER
–
MODULATOR
DIGITAL FILTER
A = 1 128
SERIAL INTERFACE
REGISTER BANK
CLOCK
GENERATION
MCLK OUT
MCLK IN
AGND
DRDY
RESET
BUF
AIN1
AIN2
LOCOM
AIN3
VBIAS
HICOM
DIN
DOUT
CS
SCLK
DGND
30k
5k
15k
30k
5k
DVDD
FEATURES
Charge Balancing ADC
16 Bits No Missing Codes
0.003% Nonlinearity
High Level ( 10 V) and Low Level ( 10 mV) Input
Channels
True Bipolar
100 mV Capability on Low Level Input
Channels Without Requiring Charge Pumps
Programmable Gain Front End
Gains from 1 to 128
Three-Wire Serial Interface
SPI™, QSPI™, MICROWIRE™ and DSP Compatible
Schmitt Trigger Input on SCLK
Ability to Buffer the Analog Input
2.7 V to 3.3 V or 4.75 V to 5.25 V Operation
Power Dissipation 1 mW max @ 3 V
Standby Current 8
A max
20-Lead SOIC and TSSOP Packages
GENERAL DESCRIPTION
The AD7707 is a complete analog front end for low frequency
measurement applications. This three-channel device can accept
either low level input signals directly from a transducer or high
level (
±10 V) signals and produce a serial digital output. It
employs a sigma-delta conversion technique to realize up to
16 bits of no missing codes performance. The selected input
signal is applied to a proprietary programmable gain front end
based around an analog modulator. The modulator output is
processed by an on-chip digital filter. The first notch of this
digital filter can be programmed via an on-chip control register
allowing adjustment of the filter cutoff and output update rate.
The AD7707 operates from a single 2.7 V to 3.3 V or 4.75 V to
5.25 V supply. The AD7707 features two low level pseudo-
differential analog input channels, one high level input channel
and a differential reference input. Input signal ranges of 0 mV to
+20 mV through 0 V to +2.5 V can be accommodated on both
low level input channels when operating with a VDD of 5 V and a
reference of 2.5 V. They can also handle bipolar input signal
ranges of
±20 mV through ±2.5 V, which are referenced to the
LCOM input. The AD7707, with a 3 V supply and a 1.225 V
reference, can handle unipolar input signal ranges of 0 mV to
+10 mV through 0 V to +1.225 V. Its bipolar input signal ranges
are
±10 mV through ±1.225 V.
The high level input channel can accept input signal ranges of
±10 V, ±5 V, 0 V to +10 V and 0 V to +5 V. The AD7707 thus
performs all signal conditioning and conversion for a three-
channel system.
The AD7707 is ideal for use in smart, microcontroller or DSP-
based systems. It features a serial interface that can be config-
ured for three-wire operation. Gain settings, signal polarity and
update rate selection can be configured in software using the
input serial port. The part contains self-calibration and system
calibration options to eliminate gain and offset errors on the
part itself or in the system.
CMOS construction ensures very low power dissipation, and the
power-down mode reduces the standby power consumption to
20
µW typ. These parts are available in a 20-lead wide body
(0.3 inch) small outline (SOIC) package and a low profile 20-lead
TSSOP.
PRODUCT HIGHLIGHTS
1. The AD7707 consumes less than 1 mW at 3 V supplies and
1 MHz master clock, making it ideal for use in low power
systems. Standby current is less than 8
µA.
2. On-chip thin-film resistors allow
±10 V, ±5 V, 0 V to +10 V
and 0 V to +5 V high level input signals to be directly accom-
modated on the analog inputs without requiring split supplies
or charge-pumps.
3. The low level input channels allow the AD7707 to accept
input signals directly from a strain gage or transducer remov-
ing a considerable amount of signal conditioning.
4. The part features excellent static performance specifications
with 16 bits, no missing codes,
±0.003% accuracy and low
rms noise. Endpoint errors and the effects of temperature
drift are eliminated by on-chip calibration options, which
remove zero-scale and full-scale errors.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.


Similar Part No. - AD7707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7707 AD-AD7707 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7707BR AD-AD7707BR Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7707BR-REEL AD-AD7707BR-REEL Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7707BRU AD-AD7707BRU Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
23-Feb-2017
AD7707BRU-REEL7 AD-AD7707BRU-REEL7 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
23-Feb-2017
More results

Similar Description - AD7707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV.A
AD7715 AD-AD7715 Datasheet
474Kb / 31P
3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV.C
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
3-Channel 16-Bit, Sigma-Delta ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com