Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7707 Datasheet HTML 15Page - Analog Devices AD7707 Datasheet HTML 16Page - Analog Devices AD7707 Datasheet HTML 17Page - Analog Devices AD7707 Datasheet HTML 18Page - Analog Devices AD7707 Datasheet HTML 19Page - Analog Devices AD7707 Datasheet HTML 20Page - Analog Devices AD7707 Datasheet HTML 21Page - Analog Devices AD7707 Datasheet HTML 22Page - Analog Devices AD7707 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
REV. A
AD7707
–19–
CIRCUIT DESCRIPTION
The AD7707 is a sigma-delta A/D converter with on-chip digital
filtering, intended for the measurement of wide dynamic range,
low frequency signals such as those in industrial control or pro-
cess control applications. It contains a sigma-delta (or charge-
balancing) ADC, a calibration microcontroller with on-chip
static RAM, a clock oscillator, a digital filter and a bidirectional
serial communications port. The part consumes only 320
µA of
power supply current, making it ideal for battery-powered or
loop-powered instruments. On-chip thin-film resistors allow
±10 V, ±5 V, 0 V to +10 V and 0 V to +5 V high level input
signals to be directly accommodated on the analog input without
requiring split supplies, dc-dc converters or charge pumps. This
part operates with a supply voltage of 2.7 V to 3.3 V or 4.75 V
to 5.25 V.
The AD7707 contains two low level (AIN1 and AIN2) program-
mable-gain pseudo-differential analog input channels and one
high level (AIN3) single-ended input channel. For the low level
input channels the selectable gains are 1, 2, 4, 8, 16, 32, 64 and
128 allowing the part to accept unipolar signals of between
0 mV to +20 mV and 0 V to +2.5 V, or bipolar signals in the
range from
±20 mV to ±2.5 V when the reference input voltage
equals +2.5 V. With a reference voltage of +1.225 V, the input
ranges are from 0 mV to +10 mV to 0 V to +1.225 V in unipolar
mode, and from
±10 mV to ±1.225 V in bipolar mode. Note
that the signals are with respect to the LOCOM input.
The high level input channel can directly accept input signals of
±10 V with respect to HICOM when operating with 5 V sup-
plies and a reference of 2.5 V. With 3 V supplies
±5 V can be
accommodated on the AIN3 input.
The input signal to the analog input is continuously sampled at a
rate determined by the frequency of the master clock, MCLK IN,
and the selected gain. A charge-balancing A/D converter
(Sigma-Delta Modulator) converts the sampled signal into a
digital pulse train whose duty cycle contains the digital informa-
tion. The programmable gain function on the analog input is
also incorporated in this sigma-delta modulator with the input
sampling frequency being modified to give the higher gains. A
sinc
3 digital low-pass filter processes the output of the sigma-
delta modulator and updates the output register at a rate deter-
mined by the first notch frequency of this filter. The output data
can be read from the serial port randomly or periodically at any
rate up to the output register update rate. The first notch of this
digital filter (and hence its –3 dB frequency) can be programmed
via the Setup Register bits FS0 and FS1. With a master clock
frequency of 2.4576 MHz, the programmable range for this first
notch frequency is from 10 Hz to 500 Hz, giving a program-
mable range for the –3 dB frequency of 2.62 Hz to 131 Hz.
With a master clock frequency of 1 MHz, the programmable
range for this first notch frequency is from 4 Hz to 200 Hz,
giving a programmable range for the –3 dB frequency of 1.06 Hz
to 52.4 Hz.
The basic connection diagram for the AD7707 is shown in
Figure 10. An AD780 or REF192, precision +2.5 V reference,
provides the reference source for the part. On the digital side,
the part is configured for three-wire operation with CS tied to
DGND. A quartz crystal or ceramic resonator provide the mas-
ter clock source for the part. In most cases, it will be necessary
to connect capacitors on the crystal or resonator to ensure that it
does not oscillate at overtones of its fundamental operating
frequency. The values of capacitors will vary, depending on the
manufacturer’s specifications. A similar circuit is applicable for
operation with 3 V supplies, in this case a 1.225 V reference
(AD1580) should be used for specified performance.
AVDD
ANALOG
+5V SUPPLY
10 F
AIN1
AIN2
VBIAS
HICOM
LOW LEVEL
ANALOG
INPUT
HIGH LEVEL
ANALOG
INPUT
AGND
REF IN(+)
REF IN(–)
10 F
VIN
ANALOG +5V
SUPPLY
AD780/
REF192
VOUT
GND
AD7707
DRDY
DATA READY
DOUT
RECEIVE (READ)
DIN
SERIAL DATA
SCLK
SERIAL CLOCK
RESET
+5V
CS
MCLK IN
MCLK OUT
CRYSTAL OR
CERAMIC
RESONATOR
0.1 F
0.1 F
DGND
LOCOM
AIN3
DVDD
0.1 F
Figure 10. Basic Connection Diagram for 5 V Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com