Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 38 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD7707 Datasheet HTML 32Page - Analog Devices AD7707 Datasheet HTML 33Page - Analog Devices AD7707 Datasheet HTML 34Page - Analog Devices AD7707 Datasheet HTML 35Page - Analog Devices AD7707 Datasheet HTML 36Page - Analog Devices AD7707 Datasheet HTML 37Page - Analog Devices AD7707 Datasheet HTML 38Page - Analog Devices AD7707 Datasheet HTML 39Page - Analog Devices AD7707 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
REV. A
AD7707
–38–
APPENDIX 1. OUTPUT NOISE FOR HIGH LEVEL INPUT CHANNEL, AIN3 (5 V OPERATION)
Specified high level input voltage ranges of
±10 V, ±5 V, 0 V to +10 V and 0 V to +5 V only utilize two gain different gain
settings (gains of 2 and 4) out of the eight possible settings available within the PGA. The tables here show what the high
level channel performance actually is over the complete range of gain settings. Table XXII shows the AD7707 output rms
noise and peak-to-peak resolution for the selectable notch and –3 dB frequencies for the part, as selected by FS0, FS1 and
FS2 of the Clock Register. The numbers are given for all input ranges with a VREF of +2.5 V, HBIAS = 2.5 V, HICOM =
AGND and AVDD = 5 V. These numbers are typical and are generated at an analog input voltage of 0 V for buffered mode of
operation. Table XXIII meanwhile shows the rms and peak-to-peak resolution for buffered mode of operation. It is important
to note that these numbers represent the resolution for which there will be no code flicker. They are not calculated based on rms noise but
on peak-to-peak noise. The output noise comes from two sources. The first is the electrical noise in the semiconductor devices
(device noise) used in the implementation of the modulator. Secondly, when the analog input is converted into the digital
domain, quantization noise is added. The device noise is at a low level and is independent of frequency. The quantization
noise starts at an even lower level but rises rapidly with increasing frequency to become the dominant noise source. The
numbers in the tables are given for the bipolar input ranges. For the unipolar ranges the rms noise numbers will be the same
as the bipolar range but the peak-to-peak resolution is now based on half the signal range which effectively means losing 1
bit of resolution.
Table XXII. AIN3, Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +5 V
Unbuffered Mode
Filter First
Typical Output RMS Noise in
V (Peak-to-Peak Resolution)
Notch and O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency 1
2
4
8
16
32
64
128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
10.90 (16)
5.10 (16)
3.52 (16)
2.62 (16)
2.34 (16)
2.34 (16)
2.34 (15)
2.30 (14)
50 Hz
13.1 Hz
31.34 (16)
15.82 (16)
9.77 (16)
6.00 (16)
5.12 (16)
5.36 (15)
4.84 (14)
4.75 (13)
60 Hz
15.72 Hz
36.74 (16)
20.36 (16)
12.29 (16)
7.33 (16)
5.84 (16)
5.65 (15)
5.1 (14)
5.3 (13)
250 Hz
65.5 Hz
690 (13)
430 (13)
212 (13)
100 (13)
42 (13)
30 (13)
18.5 (12)
13.8 (12)
500 Hz
131 Hz
4679 (10)
2350 (10)
1287 (10)
564 (10)
294 (10)
137 (10)
73 (10)
53 (10)
Table XXIII. AIN3, Output RMS Noise/Peak-to-Peak Resolution vs. Gain and Output Update Rate @ +5 V
Buffered Mode
Filter First
Typical Output RMS Noise in
V
(Peak-to-Peak Resolution)
Notch and O/P
–3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency 1
2
4
8
16
32
64
128
MCLK IN = 2.4576 MHz
10 Hz
2.62 Hz
14.28 (16)
7.4 (16)
5.2 (16)
3.35 (16)
3.35 (16)
3.34 (15.5) 3.34 (15) 2.34 (14.5)
50 Hz
13.1 Hz
37.4 (16)
22.2 (16)
14.3 (16)
8.7 (16)
7.33 (15.5) 7.7 (14.5)
7.6 (13.5) 7.5 (12.5)
60 Hz
15.72 Hz
48.8 (16)
26.6 (16)
15.88 (16)
10.17 (16) 8.78 (15.5) 8.1 (14.5)
8.1 (13.5) 8.1 (12.5)
250 Hz
65.5 Hz
778 (12.5)
475 (13)
187 (13)
98 (13)
60 (12.5)
31.7 (12.5) 23 (12)
18.3 (11.5)
500 Hz
131 Hz
4716 (10.5) 2423 (10.5) 1097 (10.5) 551 (10.5) 288 (10.5)
150 (10)
81 (10)
49 (10)
Output Noise For High Level Input Channel, AIN3 (3 V Operation)
Table XXIV shows the AD7707 output rms noise and peak-to-peak resolution for the selectable notch and –3 dB frequen-
cies for the part, as selected by FS0, FS1 and FS2 of the Clock Register. The numbers are given for all input ranges with a
VREF of +1.25 V, HBIAS = 1.25 V, HICOM = AGND and AVDD = 3 V. These numbers are typical and are generated at an
analog input voltage of 0 V for unbuffered mode of operation. Table XXV meanwhile shows the output rms noise and peak-to-
peak resolution for buffered mode of operation with the same operating conditions as above. It is important to note that these
numbers represent the resolution for which there will be no code flicker. They are not calculated based on rms noise but on peak-to-peak
noise. The output noise comes from two sources. The first is the electrical noise in the semiconductor devices (device noise)
used in the implementation of the modulator. Secondly, when the analog input is converted into the digital domain, quanti-
zation noise is added. The device noise is at a low level and is independent of frequency. The quantization noise starts at an
even lower level but rises rapidly with increasing frequency to become the dominant noise source. The numbers in the tables
are given for the bipolar input ranges. For the unipolar ranges the rms noise numbers will be the same as the bipolar range
but the peak-to-peak resolution is now based on half the signal range which effectively means losing 1 bit of resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com