Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 35 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7707 Datasheet HTML 31Page - Analog Devices AD7707 Datasheet HTML 32Page - Analog Devices AD7707 Datasheet HTML 33Page - Analog Devices AD7707 Datasheet HTML 34Page - Analog Devices AD7707 Datasheet HTML 35Page - Analog Devices AD7707 Datasheet HTML 36Page - Analog Devices AD7707 Datasheet HTML 37Page - Analog Devices AD7707 Datasheet HTML 38Page - Analog Devices AD7707 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
REV. A
AD7707
–35–
Pressure Measurement
Other typical applications for the AD7707 include temperature
and pressure measurement. Figure 27 shows the AD7707 used
with a pressure transducer, the BP01 from Sensym. The
pressure transducer is arranged in a bridge network and gives a
differential output voltage between its OUT(+) and OUT(–)
terminals. With rated full-scale pressure (in this case 300 mmHg)
on the transducer, the differential output voltage is 3 mV/V of
the input voltage (i.e., the voltage between its IN(+) and IN(–)
terminals). Assuming a 5 V excitation voltage, the full-scale
output range from the transducer is 15 mV. The low level input
channels are ideal for this type of low signal measurement appli-
cation. The excitation voltage for the bridge is also used to
generate the reference voltage for the AD7707. Therefore,
variations in the excitation voltage do not introduce errors in
the system. Choosing resistor values of 24 k
Ω and 15 kΩ, as
per Figure 27, gives a 1.92 V reference voltage for the AD7707
when the excitation voltage is 5 V.
Using the part with a programmed gain of 128 results in the
full-scale input span of the AD7707 being 15 mV, which corre-
sponds with the output span from the transducer.
AD7707
DVDD
+5V
REF IN(–)
AGND
MCLK IN
MCLK OUT
DRDY
REF IN(+)
24k
AVDD
AIN1
LOCOM
DGND
OUT(–)
SCLK
DIN
DOUT
CS
CONTROLLER
15k
OUT(+)
EXCITATION VOLTAGE = +5V
IN(–)
IN(+)
Figure 27. Pressure Measurement Using the AD7707
Thermocouple Measurement
Another application area for the AD7707 is in temperature
measurement. Figure 28 outlines a connection from a thermo-
couple to the AD7707. In this application, the AD7707 is oper-
ated in its unbuffered mode to accommodate signals of
±100 mV
on the front end. Cold conjunction compensation is imple-
mented using the AD590 temperature transducer that produces
an output current proportional to absolute temperature.
AD7707
DVDD
+5V
AIN2
REF IN(–)
AGND
MCLK IN
MCLK OUT
DRDY
REF IN(+)
8.2k
CJC
AVDD
AD590
+5V
AIN1
LOCOM
DGND
OUT
SCLK
DIN
DOUT
THERMOCOUPLE
JUNCTION
CS
CONTROLLER
REF192
+5V
GND
Figure 28. Thermocouple Measurement Using the
AD7707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com