Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 36 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7707 Datasheet HTML 32Page - Analog Devices AD7707 Datasheet HTML 33Page - Analog Devices AD7707 Datasheet HTML 34Page - Analog Devices AD7707 Datasheet HTML 35Page - Analog Devices AD7707 Datasheet HTML 36Page - Analog Devices AD7707 Datasheet HTML 37Page - Analog Devices AD7707 Datasheet HTML 38Page - Analog Devices AD7707 Datasheet HTML 39Page - Analog Devices AD7707 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
REV. A
AD7707
–36–
RTD Measurement
Figure 29 shows another temperature measurement application
for the AD7707. In this case, the transducer is an RTD (Resis-
tive Temperature Device), a PT100. The arrangement is a 4-
lead RTD configuration. There are voltage drops across the lead
resistances RL1 and RL4 but these simply shift the common-
mode voltage. There is no voltage drop across lead resistances
RL2 and RL3 as the input current to the AD7707 is very low. The
lead resistances present a small source impedance so it would
not generally be necessary to turn on the buffer on the AD7707.
If the buffer is required, the common-mode voltage should be
set accordingly by inserting a small resistance between the bot-
tom end of the RTD and GND of the AD7707. In the applica-
tion shown, an external 400
µA current source provides the
excitation current for the PT100 and also generates the refer-
ence voltage for the AD7707 via the 6.25 k
Ω resistor. Variations
in the excitation current do not affect the circuit as both the
input voltage and the reference voltage vary radiometrically with
the excitation current. However, the 6.25 k
Ω resistor must have
a low temperature coefficient to avoid errors in the reference
voltage over temperature.
AD7707
DVDD
+5V
REF IN(–)
AGND
MCLK IN
MCLK OUT
DRDY
RTD
AVDD
AIN1
LOCOM
DGND
SCLK
DIN
DOUT
CS
CONTROLLER
RL3
6.25k
RL2
RL4
RL1
REF IN(+)
400 A
REF IN(+)
REF IN(–)
Figure 29. RTD Measurement Using the AD7707
Chart Recorders
Another area where both high and low level input channels are
usually found is in chart recorder applications. Circular chart
recorders generally have two requirements. The first which
would utilize the low level input channels of the AD7707 to
measure inputs from thermocouples, RTDs and pressure sen-
sors. The second requirement is to be able to measure dc input
voltage ranges up to
±10 V. The high level input channel is
ideally suited to this measurement as there is no external signal
conditioning required to accommodate these high level input
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com