Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7707 Datasheet HTML 8Page - Analog Devices AD7707 Datasheet HTML 9Page - Analog Devices AD7707 Datasheet HTML 10Page - Analog Devices AD7707 Datasheet HTML 11Page - Analog Devices AD7707 Datasheet HTML 12Page - Analog Devices AD7707 Datasheet HTML 13Page - Analog Devices AD7707 Datasheet HTML 14Page - Analog Devices AD7707 Datasheet HTML 15Page - Analog Devices AD7707 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
REV. A
AD7707
–12–
READING NO.
32763
0
100
32764
32765
32766
32767
32768
32769
32770
32771
200
300
400
500
600
700
800
900 1000
VDD = 5V
VREF = 2.5V
GAIN = 128
50Hz UPDATE RATE
TA = +25 C
RMS NOISE = 600nV
Figure 2. Typical Noise Plot @ Gain = 128 with 50 Hz
Update Rate for Low Level Input Channel
READING NO.
0
10Hz UPDATE RATE, UNBUFFERED MODE
GAIN = 2, ( 10V INPUT RANGE)
BIPOLAR MODE
ANALOG INPUT SET ON CODE TRANSITION
32769
32768
32767
32766
200
400
600
800
1000
Figure 3. Typical Noise Plot for AIN3, High Level Input
Channel
AIN3 – Volts
–10
AVDD = DVDD = 5V
REFIN(+) = 2.5V
REFIN(–) = AGND
TA = +25 C
7
8
9
10
HIGH LEVEL INPUT CHANNEL
10V INPUT RANGE
10Hz UPDATE RATE
–6
–2
2
6
10
BUFFERED MODE
UNBUFFERED MODE
6
5
4
3
2
1
0
Figure 4. Typical RMS Noise vs. Analog Input Voltage for
High Level Input Channel, AIN3
CODE
32764
400
0
32765
32766
32767
32768
32769
32770
300
200
100
Figure 5. Histogram of Data in Figure 2
CODE
10Hz UPDATE RATE
UNBUFFERED MODE
BIPOLAR MODE
GAIN = 2,
( 10V INPUT RANGE)
0
800
700
600
500
400
300
200
100
12
32767
32768
Figure 6. Histogram of Data in Figure 3
INPUT VOLTAGE – mV
–20
AVDD = DVDD = 5V
REFIN(+) = 2.5V
REFIN(–) = AGND
TA = +25 C
0
0.2
0.4
0.6
LOW LEVEL INPUT CHANNEL
GAIN = 128
10Hz UPDATE RATE
–15
–10
10
15
20
BUFFERED MODE
UNBUFFERED MODE
–5
0
5
0.5
0.3
0.1
Figure 7. Typical RMS Noise vs. Analog Input Voltage for
Low Level Input Channels, AIN1 and AIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com