Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 34 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7707 Datasheet HTML 30Page - Analog Devices AD7707 Datasheet HTML 31Page - Analog Devices AD7707 Datasheet HTML 32Page - Analog Devices AD7707 Datasheet HTML 33Page - Analog Devices AD7707 Datasheet HTML 34Page - Analog Devices AD7707 Datasheet HTML 35Page - Analog Devices AD7707 Datasheet HTML 36Page - Analog Devices AD7707 Datasheet HTML 37Page - Analog Devices AD7707 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
REV. A
AD7707
–34–
AD420
DAC
CONTROL
ROOM
AD7707
DVDD
+5V
AIN2
REF IN(–)
AGND
MCLK IN
MCLK OUT
REF IN(+)
AVDD
AIN1
LOCOM
2.5V
AIN3
VBIAS
HICOM
DGND
MICRO-
CONTROLLER
ACTUATOR/
VALVE
10V
SMART
VALVE/ACTUATOR
RSENSE
Figure 25. Smart Valve/Actuator Control Using the AD7707
AVDD
REF IN
4.7 F
100k
MCLK IN
MCLK OUT
AD7707
MICROCONTROLLER UNIT
•PID
•RANGE SETTING
•CALIBRATION
•LINEARIZATION
•OUTPUT CONTROL
•SERIAL COMMUNICATION
•HART PROTOCOL
VCC
COM
VCC
BOOST
REF OUT1
REF OUT2
REF IN
AD421
C1 C2 C3
COM
LOOP
RTN
COMP
DRIVE
4.7 F
0.01 F
0.1 F
2.2 F
DN25D
1k
1000pF
0.01 F
0.01 F
0.0033 F
SENSORS
RTD
mV
MAIN TRANSMITTER ASSEMBLY
4mA
TO
20mA
AGND
DGND
THERMOCOUPLE
V
AVDD
AIN1
3V
1.25V
AIN2
AIN3
Figure 26. Smart Transmitter Using the AD7707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com