Electronic Components Datasheet Search
  English  ▼

X  

AD7707 Datasheet(PDF) 37 Page - Analog Devices

Part # AD7707
Description  3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7707 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7707 Datasheet HTML 32Page - Analog Devices AD7707 Datasheet HTML 33Page - Analog Devices AD7707 Datasheet HTML 34Page - Analog Devices AD7707 Datasheet HTML 35Page - Analog Devices AD7707 Datasheet HTML 36Page - Analog Devices AD7707 Datasheet HTML 37Page - Analog Devices AD7707 Datasheet HTML 38Page - Analog Devices AD7707 Datasheet HTML 39Page - Analog Devices AD7707 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
REV. A
AD7707
–37–
Accommodating Various High Level Input Ranges
The high level input channel, AIN3 can accommodate input signals from –11 V to +30 V on its input. This is achieved using
on-chip thin film resistors that map the signal on AIN3 into a usable range for the AD7707. The input structure is arranged
so that the sigma-delta converter sees the same impedance at its AIN(+) and AIN(–) inputs. The signal on the AIN3 input is
referenced to the HICOM input and the VBIAS signal is used to adjust the common-mode voltage at the modulator input.
In normal 5 V operation VBIAS is normally connected to 2.5 V and HICOM is connected to AGND. This arrangement
ensures that the voltages seen at the modulator input are within the common-mode range of the buffer.
The differential voltage, AIN, seen by the AD7707 when using the high level input channel is the difference between AIN3(+)
and AIN3(–) as shown in Figure 30 and must remain within the absolute common-mode range of the modulator.
AIN3(+) = (AIN3 + 6
× VBIAS+ V (HICOM))/8
AIN3(–) = 0.75
× VBIAS + 0.25 V (HICOM)
AIN = (AIN3 – V (HICOM))/8
AIN
5k
30k
15k
5k
AIN3
VBIAS
HICOM
AIN3(+)
AIN3(–)
30k
MUX
Figure 30. AIN3, High Level Input Channel Structure
The VBIAS and HICOM inputs are used to tailor the input range on the high level input channel to suit a variety of input
ranges. The following table applies for operation with AVDD = 5 V, and REF(+) – REF(–) = 2.5 V.
Table XIX
AIN3 RANGE
VBIAS
HICOM
GAIN
BUF/UNBUF
AIN RANGE
±10 V
2.5 V
AGND
2
BUF/UNBUF
1.875 V
± 1.25 V
±5 V
2.5 V
AGND
4
BUF/UNBUF
1.875 V
± 0.625 V
0 V to 10 V
2.5 V
AGND
2
BUF/UNBUF
1.875 V to 3.125 V
0 V to 20 V
AGND
AGND
1
UNBUF
0 V to 2.5 V
2.5 V
AGND
1
UNBUF
1.875 V to 4.375 V
–5 V to +10 V
2.5 V
2.5 V
2
BUF/UNBUF
2.5 V
± 0.9375 V
The following table applies for operation with AVDD = 3 V, and REF(+) – REF(–) = 1.25 V.
Table XX
AIN3 RANGE
VBIAS
HICOM
GAIN
BUF/UNBUF
AIN RANGE
±5 V
1.25 V
AGND
2
UNBUF
0.9375 V
± 0.625 V
0 V to 10 V
1.25 V
AGND
1
UNBUF
0.9375 V to 2.1875 V
–5 V to +10 V
1.25 V
2.5 V
1
UNBUF
1.5625 V
± 0.9375 V
–7.5 V to +10 V
1.25 V
0
1
UNBUF
0 V to 2.1875 V
±10 V
1.666 V
AGND
1
UNBUF
1.25 V
± 1.25 V
Typical Input Currents
When using the high level input channel, power dissipation is determined by the currents flowing in the AIN3, VBIAS and
HICOM inputs. The voltage level applied to these inputs determines whether the external source driving these inputs needs
to sink of source current. The following table shows the currents associated with the
±10 V input range. These inputs should
be driven from a low impedance source in all applications to prevent significant gain errors being introduced.
Table XXI
AIN3
VBIAS
HICOM
I (AIN3)
I (VBIAS)
I (HICOM)
–10 V
2.5 V
AGND
–354
µA
500
µA
–146
µA
0 V
2.5 V
AGND
–62
µA
250
µA
–188
µA
+10 V
2.5 V
AGND
229
µA
0
–229
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com