Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9851 Datasheet HTML 4Page - Analog Devices AD9851 Datasheet HTML 5Page - Analog Devices AD9851 Datasheet HTML 6Page - Analog Devices AD9851 Datasheet HTML 7Page - Analog Devices AD9851 Datasheet HTML 8Page - Analog Devices AD9851 Datasheet HTML 9Page - Analog Devices AD9851 Datasheet HTML 10Page - Analog Devices AD9851 Datasheet HTML 11Page - Analog Devices AD9851 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AD9851
–8–
REV. C
THEORY OF OPERATION AND APPLICATION
The AD9851 uses direct digital synthesis (DDS) technology, in
the form of a numerically-controlled oscillator (NCO), to gen-
erate a frequency/phase-agile sine wave. The digital sine wave is
converted to analog form via an internal 10-bit high speed D/A
converter. An on-board high-speed comparator is provided to
translate the analog sine wave into a low-jitter TTL/CMOS-
compatible output square wave. DDS technology is an innova-
tive circuit architecture that allows fast and precise manipulation
of its output word, under full digital control. DDS also enables
very high resolution in the incremental selection of output fre-
quency. The AD9851 allows an output frequency resolution of
approximately 0.04 Hz at 180 MSPS clock rate with the option of
directly using the reference clock or by engaging the 6
× REFCLK
Multiplier. The AD9851’s output waveform is phase-continu-
ous from one output frequency change to another.
The basic functional block diagram and signal flow of the
AD9851 configured as a clock generator is shown in Figure 11.
The DDS circuitry is basically a digital frequency divider func-
tion whose incremental resolution is determined by the frequency
of the system clock, and N (number of bits in the tuning word).
The phase accumulator is a variable-modulus counter that
increments the number stored in it each time it receives a clock
pulse. When the counter reaches full scale it “wraps around,”
making the phase accumulator’s output phase-continuous. The
frequency tuning word sets the modulus of the counter, which
effectively determines the size of the increment (
∆ Phase) that
will be added to the value in the phase accumulator on the next
clock pulse. The larger the added increment, the faster the
accumulator wraps around, which results in a higher output
frequency.
The AD9851 uses an innovative and proprietary “Angle
Rotation” algorithm that mathematically converts the 14-bit
truncated value of the 32-bit phase accumulator to the 10-bit
quantized amplitude that is passed to the DAC. This unique
algorithm uses a much-reduced ROM look-up table and DSP to
perform this function. This contributes to the small size and
low power dissipation of the AD9851.
The relationship between the output frequency, system clock
and tuning word of the AD9851 is determined by the expression:
fOUT = (
∆ Phase × System Clock)/232
where:
∆Phase = decimal value of 32-bit frequency tuning word.
System Clock = direct input reference clock (in MHz) or 6
× the
input clock (in MHz) if the 6
× REFCLK Multiplier is engaged.
fOUT = frequency of the output signal in MHz.
The digital sine wave output of the DDS core drives the internal
high-speed 10-bit D/A converter that will construct the sine
wave in analog form. This DAC has been optimized for dynamic
performance and low glitch energy, which results in the low
spurious and jitter performance of the AD9851. The DAC can
be operated in either the single-ended, Figures 2 and 8, or dif-
ferential output configuration, Figures 9 and 10. DAC output
current and RSET values are determined using the following
expressions:
IOUT = 39.93/RSET
RSET = 39.93/IOUT
Since the output of the AD9851 is a sampled signal, its output
spectrum follows the Nyquist sampling theorem. Specifically, its
output spectrum contains the fundamental plus aliased signals
(images) that occur at integer multiples of the system clock
frequency
± the selected output frequency. A graphical repre-
sentation of the sampled spectrum, with aliased images, is shown in
Figure 12. Normal usable bandwidth is considered to extend
from dc to 1/2 the system clock.
In the example shown in Figure 12, the system clock is 100 MHz
and the output frequency is set to 20 MHz. As can be seen, the
aliased images are very prominent and of a relatively high energy
CLOCK
OUT
AMPLITUDE/SINE
CONV ALGORITHM
PHASE
ACCUMULATOR
DDS CIRCUITRY
D/A
CONVERTER
LP
COMPARATOR
N
REFERENCE
CLOCK
TUNING WORD SPECIFIES
OUTPUT FREQUENCY AS A
FRACTION OF REF CLOCK
FREQUENCY
IN DIGITAL
DOMAIN
Figure 11. Basic DDS Block Diagram and Signal Flow of AD9851
120MHz
2ND IMAGE
FOUT
FC+FO
2FC–FO
2FC+FO
3FC–FO
180MHz
3RD IMAGE
220MHz
4TH IMAGE
280MHz
5TH IMAGE
80MHz
1ST IMAGE
20MHz
0Hz
(DC)
FC
FC–FO
SIN (X)/
ENVELOPE
= ( )F/FC
100MHz
SYSTEM CLOCK FREQUENCY
Figure 12. Output Spectrum of a Sampled Sin(X)/X Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com