Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 3 Page - Analog Devices

  AD9851 Datasheet HTML 1Page - Analog Devices AD9851 Datasheet HTML 2Page - Analog Devices AD9851 Datasheet HTML 3Page - Analog Devices AD9851 Datasheet HTML 4Page - Analog Devices AD9851 Datasheet HTML 5Page - Analog Devices AD9851 Datasheet HTML 6Page - Analog Devices AD9851 Datasheet HTML 7Page - Analog Devices AD9851 Datasheet HTML 8Page - Analog Devices AD9851 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
–3–
REV. C
AD9851
Test
AD9851BRS
Parameter
Temp
Level
Min
Typ
Max
Units
TIMING CHARACTERISTICS
4
tWH, tWL (W_CLK Min Pulsewidth High/Low)
FULL
IV
3.5
ns
tDS, tDH (Data to W_CLK Setup and Hold Times)
FULL
IV
3.5
ns
tFH, tFL (FQ_UD Min Pulsewidth High/Low)
FULL
IV
7
ns
tCD (REFCLK Delay After FQ_UD)
5
FULL
IV
3.5
ns
tFD (FQ_UD Min Delay After W_CLK)
FULL
IV
7
ns
tCF (Output Latency from FQ_UD)
Frequency Change
FULL
IV
18
SYSCLK
Cycles
Phase Change
FULL
IV
13
SYSCLK
Cycles
tRH (CLKIN Delay After RESET Rising Edge)
FULL
IV
3.5
ns
tRL (RESET Falling Edge After CLKIN)
FULL
IV
3.5
ns
tRR (Recovery from RESET)
FULL
IV
2
SYSCLK
Cycles
tRS (Minimum RESET Width)
FULL
IV
5
SYSCLK
Cycles
tOL (RESET Output Latency)
FULL
IV
13
SYSCLK
Cycles
Wake-Up Time from Power-Down Mode
6
+25
°CV
5
µs
CMOS LOGIC INPUTS
Logic “1” Voltage, +5 V Supply
+25
°CI
3.5
V
Logic “1” Voltage, +3.3 V Supply
+25
°CI
3.0
V
Logic “1” Voltage, +2.7 V Supply
+25
°CI
2.4
V
Logic “0” Voltage
+25
°CI
0.4
V
Logic “1” Current
+25
°CI
12
µA
Logic “0” Current
+25
°CI
12
µA
Rise/Fall Time
+25
°C
IV
100
ns
Input Capacitance
+25
°CV
3
pF
POWER SUPPLY
VS
6 Current @:
62.5 MHz Clock, +2.7 V Supply
+25
°C
VI
3035mA
100 MHz Clock, +2.7 V Supply
+25
°C
VI
4050mA
62.5 MHz Clock, +3.3 V Supply
+25
°C
VI
3545mA
125 MHz Clock, +3.3 V Supply
+25
°C
VI
5570mA
62.5 MHz Clock, +5 V Supply
+25
°C
VI
5065mA
125 MHz Clock, +5 V Supply
+25
°C
VI
7090mA
180 MHz Clock, +5 V Supply
+25
°C
VI
110
130
mA
Power Dissipation @ :
62.5 MHz Clock, +5 V Supply
+25
°C
VI
250
325
mW
62.5 MHz Clock, +3.3 V Supply
+25
°C
VI
115
150
mW
62.5 MHz Clock, +2.7 V Supply
+25
°C
VI
8595mW
100 MHz Clock, +2.7 V Supply
+25
°C
VI
110
135
mW
125 MHz Clock, +5 V Supply
+25
°C
VI
365
450
mW
125 MHz Clock, +3.3 V Supply
+25
°C
VI
180
230
mW
180 MHz Clock, +5 V Supply
+25
°C
VI
555
650
mW
PDISS Power-Down Mode @:
+5 V Supply
+25
°C
VI
1755mW
+2.7 V Supply
+25
°CVI
4
20
mW
NOTES
1+V
S collectively refers to the positive voltages applied to DVDD, PVCC and AVDD. Voltages applied to these pins should be of the same potential.
2Indicates the minimum signal levels required to reliably clock the device at the indicated supply voltages. This specifies the p-p signal level and dc offset needed when
the clocking signal is not of CMOS/TTL origin, i.e., a sine wave with 0 V dc offset.
3The comparator’s jitter contribution to any input signal. This is the minimum jitter on the outputs that can be expected from an ideal input. Considerably more
output jitter is seen when nonideal input signals are presented to the comparator inputs. Nonideal characteristics include the presence of extraneous, nonharmonic
signals (spur’s, noise), slower slew rate and low comparator overdrive.
4Timing of input signals FQ_UD, WCLK, RESET are asynchronous to the Reference Clock; however, the presence of a Reference Clock is required to implement
those functions. In the absence of a Reference Clock, the AD9851 automatically enters power-down mode rendering the IC, including the comparator, inoperable
until a Reference Clock is restored. Very high speed updates of frequency/phase word will require FQ_UD and WCLK to be externally synchronized with the exter-
nal Reference Clock to assure proper timing.
5Not applicable when 6
× REFCLK Multiplier is engaged.
6Assumes no capacitive load on DACBP (Pin 17).
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com