Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9851 Datasheet HTML 15Page - Analog Devices AD9851 Datasheet HTML 16Page - Analog Devices AD9851 Datasheet HTML 17Page - Analog Devices AD9851 Datasheet HTML 18Page - Analog Devices AD9851 Datasheet HTML 19Page - Analog Devices AD9851 Datasheet HTML 20Page - Analog Devices AD9851 Datasheet HTML 21Page - Analog Devices AD9851 Datasheet HTML 22Page - Analog Devices AD9851 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
AD9851
–19–
REV. C
CGPCB Evaluation Board Parts List—GSO 0515(B)
Miscellaneous Hardware
Ref . Des.
1
Amp 552742-1, 36-Pin Plastic, Right Angle,
PC Mount, Female
J1
1
Banana Jack—Color Not Important
J2
1
Yellow Banana Jack
J3
1
Black Banana Jack
J4
5
BNC Coax. Connector, PC Mount
J5, J6, J7,
J8, J9
1
AD9851/CGPCB Evaluation Board
GSO 0515(B)
None
4
AMP 5-330808-6, Open-Ended Pin Socket
None
2
#2-56 Hex Nut (to Fasten J1)
None
2
#2-56
× 3/8 Binder Head Machine Screw
(to Fasten J1)
None
4
#4-40 Hex Nut (to Fasten Stand-Offs to Board) None
4
#4 1-Inch Metal Stand-Off
None
Decoupling Capacitors
1
Size 1206 Chip Capacitor, 470 pF
C1
7
Size 1206 Chip Capacitor, 0.1
µF
C2–C5,
C8–C10
2
Tantalum Capacitors, 10
µF
C6, C7
Resistors
1
3.9 k
Ω Chip Resistor, Size 1206
R1
1
50
Ω Chip Resistor, Size 1206
R2
42 k
Ω or 2.2 kΩ Chip Resistor, Size 1206
R3, R9,
R10, R11
2
100 k
Ω Chip Resistor, Size 1206
R4, R5
2
200
Ω Chip Resistor, Size 1206
R6, R7
1
100
Ω Chip Resistor, Size 1206
R8
1
Dummy Resistor (for Optional Installation)
R12
Filter Capacitors (70 MHz 7-Pole Elliptic Filter)
3
22 pF Chip Capacitor, Size 1206
C11, C15,
C17
1
1 pF Chip Capacitor, Size 1206
C12
1
33 pF Chip Capacitor, Size 1206
C13
1
5.6 pF Chip Capacitor, Size 1206
C14
1
4.7 pF Chip Capacitor, Size 1206
C16
Inductors (70 MHz 7-Pole Elliptic Filter)
1
470 nH Chip Inductor, Coil Craft 1008CS
L1
2
390 nH Chip Inductor, Coil Craft 1008CS
L2, L3
Integrated Circuits
1
AD9851 Direct Digital Synthesizer,
Surface Mount
U1
2
74HCT574AN HCMOS Octal Flip-Flop,
Through-Hole Mount
U2, U3
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0Hz
START
72MHz
STOP
7.2MHz/
RBW = 5kHz
VBW = 5kHz
SWT = 7.2s
RF ATT = 20dB
REF LVL = –7dBm
2AP
Figure 26. Wideband (dc to 72 MHz) output SFDR for a
1.1 MHz fundamental output signal. System clock = 180 MHz
(6
× REFCLK Multiplier engaged), V
S = +5 V.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
2AP
0Hz
START
72MHz
STOP
7.2MHz/
RBW = 5kHz
VBW = 5kHz
SWT = 7.2s
RF ATT = 20dB
REF LVL = –7dBm
Figure 27. Wideband (dc to 72 MHz) output SFDR for a
40.1 MHz fundamental output signal. System clock =
180 MHz (6
× REFCLK Multiplier engaged), V
S = +5 V.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
2AP
0Hz
START
72MHz
STOP
7.2MHz/
RBW = 5kHz
VBW = 5kHz
SWT = 7.2s
RF ATT = 20dB
REF LVL = –7dBm
Figure 28. Wideband (dc to 72 MHz) output SFDR for a
70.1 MHz fundamental output signal. System clock =
180 MHz (6
× REFCLK Multiplier engaged), V
S = +5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com