Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9851 Datasheet HTML 6Page - Analog Devices AD9851 Datasheet HTML 7Page - Analog Devices AD9851 Datasheet HTML 8Page - Analog Devices AD9851 Datasheet HTML 9Page - Analog Devices AD9851 Datasheet HTML 10Page - Analog Devices AD9851 Datasheet HTML 11Page - Analog Devices AD9851 Datasheet HTML 12Page - Analog Devices AD9851 Datasheet HTML 13Page - Analog Devices AD9851 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AD9851
–10–
REV. C
Table I. 8-Bit Parallel-Load Data/Control Word Functional Assignment
Word
Data[7]
Data[6]
Data[5]
Data[4]
Data[3]
Data[2]
Data[1]
Data[0]
W0
Phase–b4 (MSB)
Phase–b3
Phase–b2
Phase–b1
Phase–b0 (LSB)
Power-Down
Logic 0*
6
× REFCLK
Multiplier Enable
W1
Freq–b31 (MSB)
Freq–b30
Freq–b29
Freq–b28
Freq–b27
Freq–b26
Freq–b25
Freq–b24
W2
Freq–b23
Freq–b22
Freq–b21
Freq–b20
Freq–b19
Freq–b18
Freq–b17
Freq–b16
W3
Freq–b15
Freq–b14
Freq–b13
Freq–b12
Freq–b11
Freq–b10
Freq–b9
Freq–b8
W4
Freq–b7
Freq–b6
Freq–b5
Freq–b4
Freq–b3
Freq–b2
Freq–b1
Freq–b0 (LSB)
*This bit is always Logic 0 unless invoking the serial mode (see Figure 17). After serial mode is entered, this data bit must be set back to Logic 0 for proper operation.
W0*
W1
W2
W3
W4
tCD
tDH
tDS
tWL
tWH
tFD
tFH
tFL
*OUTPUT UPDATE CAN OCCUR AFTER ANY WORD LOAD
AND IS ASYNCHRONOUS WITH REFERENCE CLOCK
tCF
VALID DATA
SYSCLK
DATA
W CLK
FQ UD
AOUT
Figure 13. Parallel-Load Frequency/Phase Update Timing Sequence
Note: To update W0 it is not necessary to load W1 through W4. Simply load W0 and assert FQ_UD. To update W1, reload W0
then W1 . . . users do not have random access to programming words.
Table II. Timing Specifications
Symbol
Definition
Min
tDS
Data Setup Time
3.5 ns
tDH
Data Hold Time
3.5 ns
tWH
W_CLK High
3.5 ns
tWL
W_CLK Low
3.5 ns
tCD
REFCLK Delay after FQ_UD
3.5 ns*
tFH
FQ_UD High
7.0 ns
tFL
FQ_UD Low
7.0 ns
tFD
FQ_UD Delay after W_CLK
7.0 ns
tCF
Output Latency from FQ_UD
Frequency Change
18 SYSCLK Cycles
Phase Change
13 SYSCLK Cycles
*Specification does not apply when the 6
× REFCLK Multiplier is engaged.
The function assignments of the data and control words are
shown in Tables I and III; the detailed timing sequence for
updating the output frequency and/or phase, resetting the de-
vice, engaging the 6
× REFCLK Multiplier, and powering up/
down, are shown in the timing diagrams of Figures 13–20. As a
programming example for the following DDS characteristics:
1. Phase set to 11.25 degrees.
2. 6
× REFCLK Multiplier engaged.
3. Powered-up mode selected.
4. Output = 10 MHz (for 180 MHz system clock).
In parallel mode, user would program the 40-bit control word
(composed of five 8-bit loads) as follows:
W0 = 00001001
W1 = 00001110
W2 = 00111000
W3 = 11100011
W4 = 10001110
If in serial mode, load the 40 bits starting from the LSB location
of W4 in the above “array,” loading from right to left, and end-
ing with the MSB of W0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com