Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9851 Datasheet HTML 15Page - Analog Devices AD9851 Datasheet HTML 16Page - Analog Devices AD9851 Datasheet HTML 17Page - Analog Devices AD9851 Datasheet HTML 18Page - Analog Devices AD9851 Datasheet HTML 19Page - Analog Devices AD9851 Datasheet HTML 20Page - Analog Devices AD9851 Datasheet HTML 21Page - Analog Devices AD9851 Datasheet HTML 22Page - Analog Devices AD9851 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
AD9851
–22–
REV. C
ANALOG OUTPUT FREQUENCY – MHz
30
10
20
30
40
50
60
070
50
70
80
90
110
120
VS = +3.3V
VS = +5V
100
60
40
Figure 40. Supply current variation with analog output
frequency at 180 MHz system clock (upper trace) and
125 MHz system clock (lower trace).
SYSTEM CLOCK – MHz
0
140
20
40
60
100
80
120
0
20
40
60
80
100
120
VS = +3.3V
VS = +5V
160
180
Figure 41. Supply current variation with system clock
frequency.
MAXIMUM DAC IOUT – mA
40
5
10
15
20
45
50
55
60
65
70
1.1MHz
40.1MHz
70.1MHz
Figure 42. Effect of DAC maximum output current on
wideband (0 to 72 MHz) SFDR at three representative DAC
output frequencies: 1.1 MHz, 40.1 MHz and 70.1 MHz. VS =
+5 V, 180 MHz system clock (6
× REFCLK Multiplier dis-
abled). Currents are set using appropriate values of RSET.
INPUT FREQUENCY – MHz
0
0
20
40
60
80
100
120
140
160
100
200
300
400
500
600
VS = +3.3V
VS = +5V
Figure 43. Minimum p-p input signal needed to toggle the
AD9851 comparator output. Comparator input is a sine
wave compared with a fixed voltage threshold. Use this
data in addition to sin(x)/x roll-off and any filter losses to
determine if adequate signal is being presented to the
AD9851 comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com