Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9851 Datasheet HTML 10Page - Analog Devices AD9851 Datasheet HTML 11Page - Analog Devices AD9851 Datasheet HTML 12Page - Analog Devices AD9851 Datasheet HTML 13Page - Analog Devices AD9851 Datasheet HTML 14Page - Analog Devices AD9851 Datasheet HTML 15Page - Analog Devices AD9851 Datasheet HTML 16Page - Analog Devices AD9851 Datasheet HTML 17Page - Analog Devices AD9851 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AD9851
–14–
REV. C
Apply power to AD9851 Evaluation Board. The AD9851 is
powered separately from the other active components on the
board via connector marked “DUT +V.” The connector marked
“+5 V” is used to power the CMOS latches, optional crystal
oscillator and pull-up resistors. Both +5 V and DUT +V may
be tied together for ease of operation without adverse affects.
The AD9851 may be powered with +2.7 V to +5.25 V.
Connect an external 50
Ω Z clock source or remove R2 and
install a suitable crystal clock oscillator with CMOS output
levels at Y1. A sine wave signal generator may be used as a
clock source at frequencies >50 MHz by dc offsetting the output
signal to 1/2 the supply voltage to the AD9851. This method
requires a minimum of 2 V p-p signal and that the 6
× REFCLK
Multiplier function be disabled.
Locate the file called WIN9851.EXE and execute that program.
The computer monitor should show a “control panel” which
allows operation of the AD9851 Evaluation Board by use of a
“mouse.”
Operation
On the control panel locate the box labeled “COMPUTER I/O.”
Click the correct parallel printer port for the host computer and
then click the TEST box. A message will appear indicating if
the selection of output port is correct. Choose other ports as
necessary to achieve a correct port setting.
Click the MASTER RESET button. This will reset the part to
0 Hz, 0 degrees phase, parallel programming mode. The output
from the DAC IOUT should be a dc voltage equal to the full-
scale output of the AD9851 (1 volt for the AD9851/CGPCB
and 0.5 volts for the AD9851/FSPCB) while the DAC IOUTB
should be 0 volts for both evaluation boards. RESET should
always be the first command to the AD9851 following power-up.
Locate the CLOCK SECTION and place the cursor in the
FREQUENCY box. Enter the clock frequency (in MHz) that
will be applied to the reference clock input of the AD9851.
Click the PLL box in the CONTROL FUNCTION menu if the
6
× Reference Clock multiplier is to be engaged . . . a check mark
will appear when engaged. When the Reference Clock multi-
plier is engaged, software will multiply the value entered in the
frequency box by six; otherwise, the value entered is the value
used. Click the LOAD button or press the enter key.
Move the cursor to the OUTPUT FREQUENCY box and type
in the desired frequency (in MHz). Click the LOAD button or
press the enter key. The BUS MONITOR section of the control
panel will show the 32-bit frequency word and 8-bit phase/
control word. Upon completion of this step, the AD9851 output
should be active at the programmed frequency/phase.
Changing the output phase is accomplished by clicking the
“down arrow” in the OUTPUT PHASE DELAY box to make a
selection and then clicking the LOAD button. Note: clicking
the load buttons of either the clock frequency box, the output
frequency box or the phase box will automatically initiate a re-
loading of all three boxes and issuance of a FQ_UD (frequency
update) pulse. To bypass this automatic reloading and fre-
quency update sequence, refer to the note below.
Other operational modes (Frequency Sweeping, Sleep, Serial
Input) are available. Frequency sweeping allows the user to
enter a start and stop frequency and to specify the frequency
“step” size. Sweeping begins at the start frequency, proceeds to
the stop frequency in a linear manner, reverses direction and
sweeps back to the start frequency repeatedly.
Note: for those who may be operating multiple AD9851 evalua-
tion boards from one computer, a MANUAL FREQUENCY
UPDATE option exists. By eliminating the automatic issuance
of an FQ_UD, the user can load the 40-bit input registers of
multiple AD9851s without transferring that data to the internal
accumulators. When all input registers are loaded, a single
FREQUENCY UPDATE pulse can be issued to all AD9851s.
A block diagram of this technique is shown in the AD9851 data
sheet as a “Quadrature Oscillator” application. This single pulse
synchronizes all the units so that their particular phases and
frequencies take effect simultaneously. Proper synchronization
requires that each AD9851 be clocked by the same reference
clock source and that each oscillator be in an identical state
while being programmed. RESET command assures identical
states. When manual frequency update is selected, a new box
labeled “FREQUENCY UPDATE” will appear just above the
frequency sweeping menu. Clicking the box initiates a single
FQ_UD pulse.
Note: RESET can be used to synchronize multiple oscillators.
If several oscillators have already been programmed at various
phases or frequencies, issuance of a RESET pulse will set their
outputs to 0 Hz and 0 phase. By issuing a common FQ_UD,
the previously programmed information in the 40-bit input
registers will transfer once again to the DDS core and take effect
in 18 clock cycles. This is due to the fact that RESET does not
affect the contents of the 40-bit input register in any way.
The AD9851/FSPCB provides access into and out of the on-
chip comparator via test point pairs (each pair has an active
input and a ground connection). The two active inputs are
labeled TP1 and TP2. The unmarked hole next to each labeled
test point is a ground connection. The two active outputs are
labeled TP5 and TP6. Adjacent those test points are unmarked
ground connections. To prevent unwanted comparator chatter
when not in use, the two inputs are pulled either to ground or
+V via 1 k
Ω resistors.
The AD9851/CGPCB provides BNC inputs and outputs
associated with the on-chip comparator and an onboard, 7th
order, 200
Ω input /output Z, elliptic 70 MHz low pass filter.
Jumpering (soldering a wire) E1 to E2, E3 to E4 and E5 to E6
connects the onboard filter and the midpoint switching voltage
to the comparator. Users may elect to insert their own filter and
comparator threshold voltage by removing the jumpers and
inserting a filter between J7 and J6 and providing a comparator
threshold voltage at E1.
Use of the XTAL oscillator socket on the evaluation board to
supply the clock to the AD9851 requires the removal R2 (a 50
Ω
chip resistor) unless the oscillator can drive a 50
Ω load. The
crystal oscillator should be either TTL or CMOS (preferably)
compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com