Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 1 Page - Analog Devices

  AD9851 Datasheet HTML 1Page - Analog Devices AD9851 Datasheet HTML 2Page - Analog Devices AD9851 Datasheet HTML 3Page - Analog Devices AD9851 Datasheet HTML 4Page - Analog Devices AD9851 Datasheet HTML 5Page - Analog Devices AD9851 Datasheet HTML 6Page - Analog Devices AD9851 Datasheet HTML 7Page - Analog Devices AD9851 Datasheet HTML 8Page - Analog Devices AD9851 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9851
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
CMOS 180 MHz
DDS/DAC Synthesizer
FUNCTIONAL BLOCK DIAGRAM
32-BIT
TUNING
WORD
PHASE
AND
CONTROL
WORDS
FREQUENCY/PHASE
DATA REGISTER
DATA INPUT REGISTER
10-BIT
DAC
DAC RSET
ANALOG
OUT
ANALOG
IN
CLOCK OUT
CLOCK OUT
HIGH SPEED
DDS
FREQUENCY
UPDATE/DATA
REGISTER
RESET
WORD LOAD
CLOCK
MASTER
RESET
REF
CLOCK IN
6
REFCLK
MULTIPLIER
COMPARATOR
SERIAL
LOAD
1 BIT
40 LOADS
PARALLEL
LOAD
8 BITS
5 LOADS
FREQUENCY, PHASE
AND CONTROL DATA INPUT
AD9851
+VS
GND
FEATURES
180 MHz Clock Rate with Selectable 6
Reference Clock
Multiplier
On-Chip High Performance 10-Bit DAC and High Speed
Comparator with Hysteresis
SFDR >43 dB @ 70 MHz AOUT
32-Bit Frequency Tuning Word
Simplified Control Interface: Parallel or Serial
Asynchronous Loading Format
5-Bit Phase Modulation and Offset Capability
Comparator Jitter <80 ps p-p @ 20 MHz
+2.7 V to +5.25 V Single Supply Operation
Low Power: 555 mW @ 180 MHz
Power-Down Function, 4 mW @ +2.7 V
Ultrasmall 28-Lead SSOP Packaging
APPLICATIONS
Frequency/Phase-Agile Sine Wave Synthesis
Clock Recovery and Locking Circuitry for Digital
Communications
Digitally Controlled ADC Encode Generator
Agile L.O. Applications in Communications
Quadrature Oscillator
CW, AM, FM, FSK, MSK Mode Transmitter
GENERAL DESCRIPTION
The AD9851 is a highly integrated device that uses advanced
DDS technology, coupled with an internal high speed, high
performance D/A converter, and comparator, to form a digitally-
programmable frequency synthesizer and clock generator func-
tion. When referenced to an accurate clock source, the AD9851
generates a stable frequency and phase-programmable digitized
analog output sine wave. This sine wave can be used directly as
a frequency source, or internally converted to a square wave for
agile-clock generator applications. The AD9851’s innovative
high speed DDS core accepts a 32-bit frequency tuning word,
which results in an output tuning resolution of approximately
0.04 Hz with a 180 MHz system clock. The AD9851 contains a
unique 6
× REFCLK Multiplier circuit that eliminates the need
for a high speed reference oscillator. The 6
× REFCLK Multiplier
has minimal impact on SFDR and phase noise characteristics.
The AD9851 provides five bits of programmable phase modula-
tion resolution to enable phase shifting of its output in incre-
ments of 11.25
°.
The AD9851 contains an internal high speed comparator that
can be configured to accept the (externally) filtered output of
the DAC to generate a low jitter output pulse.
The frequency tuning, control and phase modulation words are
asynchronously loaded into the AD9851 via parallel or serial
loading format. The parallel load format consists of five itera-
tive loads of an 8-bit control word (byte). The first 8-bit byte
controls output phase, 6
× REFCLK Multiplier, power-down
enable and loading format; the remaining bytes comprise the
32-bit frequency tuning word. Serial loading is accomplished
via a 40-bit serial data stream entering through one of the parallel
input bus lines. The AD9851 uses advanced CMOS technology
to provide this breakthrough level of functionality on just 555 mW
of power dissipation (+5 V supply), at the maximum clock rate of
180 MHz.
The AD9851 is available in a space-saving 28-lead SSOP, sur-
face mount package that is pin-for-pin compatible with the
popular AD9850 125 MHz DDS. It is specified to operate over
the extended industrial temperature range of –40
°C to +85°C at
>3.0 V supply voltage. Below 3.0 V, the specifications apply
over the commercial temperature range of 0
°C to +85°C.


Similar Part No. - AD9851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9851 AD-AD9851 Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851 AD-AD9851 Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRS AD-AD9851BRS Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRS AD-AD9851BRS Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSRL AD-AD9851BRSRL Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results

Similar Description - AD9851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
CMOS 300 MHz Complete-DDS
REV.0
AD9851BRSZ AD-AD9851BRSZ Datasheet
749Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com