Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9851 Datasheet HTML 7Page - Analog Devices AD9851 Datasheet HTML 8Page - Analog Devices AD9851 Datasheet HTML 9Page - Analog Devices AD9851 Datasheet HTML 10Page - Analog Devices AD9851 Datasheet HTML 11Page - Analog Devices AD9851 Datasheet HTML 12Page - Analog Devices AD9851 Datasheet HTML 13Page - Analog Devices AD9851 Datasheet HTML 14Page - Analog Devices AD9851 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AD9851
–11–
REV. C
Results of Reset, Figure 14
– Phase Accumulator zeroed such that the output = 0 Hertz
(dc).
– Phase Offset register set to zero such that DAC IOUT = Full-
Scale output and IOUTB = zero mA output.
– Internal Programming Address pointer reset to W0.
– Power-down bit reset to “0” (power-down disabled).
– 40-bit Data Input Register is NOT cleared.
–6
× Reference Clock multiplier is disabled.
– Parallel programming mode selected by default.
XXXXX10X
FQ UD
W CLK
SYSCLK
DAC
STROBE
DATA (W0)
INTERNAL CLOCKS
DISABLED
Figure 15. Parallel-Load Power-Down Sequence/Internal
Operation
XXXXX00X
FQ UD
W CLK
DATA (W0)
INTERNAL CLOCKS
ENABLED
SYSCLK
Figure 16. Parallel-Load Power-Up Sequence (to Recover
from Power-Down)/Internal Operation
SYSCLK
RESET
AOUT
tRS
tRH
tRL
tOL
COS (0 )
SYMBOL
DEFINITION
MIN SPEC
tRH
CLK DELAY AFTER RESET RISING EDGE 3.5ns*
tRL
RESET FALLING EDGE AFTER CLK
3.5ns*
tRR
RECOVERY FROM RESET
2 SYSCLK CYCLES
tRS
MINIMUM RESET WIDTH
5 SYSCLK CYCLES
tOL
RESET OUTPUT LATENCY
13 SYSCLK CYCLES
*SPECIFICATIONS DO NOT APPLY WHEN THE REF CLOCK MULTIPLIER IS ENGAGED
tRR
Figure 14. Master Reset Timing Sequence
Entry to the serial mode, Figure 17, is via the parallel mode
which is selected by default after a RESET is asserted. One
needs only to program the first eight bits (word W0) with the
sequence xxxxx011 as shown in Figure 17 to change from paral-
lel to serial mode. The W0 programming word may be sent over
the 8-bit data bus or hardwired as shown in Figure 18. After
serial mode is achieved, the user must follow the programming
sequence of Figure 19.
XXXXX011
FQ UD
W CLK
DATA (W0)
ENABLE
SERIAL MODE
Figure 17. Serial-Load Enable Sequence
Note: After serial mode is invoked, it is best to immediately
write a valid 40-bit serial word (see Figure 19), even if it is all
zeros, followed by a FQ_UD rising edge to flush the “residual”
data left in the DDS core. A valid 40-bit serial word is any word
where W33 is Logic 0.
28
27
26
25
1
2
3
4
AD9851
D3
D2
D1
D0
D4
D5
D6
D7
10k
+V
SUPPLY
Figure 18. Hardwired xxxxx011 Configuration for Serial-
Load Enable Word W0 in Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com