Electronic Components Datasheet Search
  English  ▼

X  

AD9851 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9851 Datasheet HTML 8Page - Analog Devices AD9851 Datasheet HTML 9Page - Analog Devices AD9851 Datasheet HTML 10Page - Analog Devices AD9851 Datasheet HTML 11Page - Analog Devices AD9851 Datasheet HTML 12Page - Analog Devices AD9851 Datasheet HTML 13Page - Analog Devices AD9851 Datasheet HTML 14Page - Analog Devices AD9851 Datasheet HTML 15Page - Analog Devices AD9851 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AD9851
–12–
REV. C
FQ UD
W2
DATA
40 W CLK CYCLES
W CLK
W1
W3
W39
W0
Figure 19. Serial-Load Frequency/Phase Update Sequence
Table III. 40-Bit Serial-Load Word Functional Assignment
W0
Freq–b0 (LSB)
W1
Freq–b1
W2
Freq–b2
W3
Freq–b3
W4
Freq–b4
W5
Freq–b5
W6
Freq–b6
W7
Freq–b7
W8
Freq–b8
W9
Freq–b9
W10
Freq–b10
W11
Freq–b11
W12
Freq–b12
W13
Freq–b13
W14
Freq–b14
W15
Freq–b15
W16
Freq–b16
W17
Freq–b17
W18
Freq–b18
W19
Freq–b19
W20
Freq–b20
W21
Freq–b21
W22
Freq–b22
W23
Freq–b23
W24
Freq–b24
W25
Freq–b25
W26
Freq–b26
W27
Freq–b27
W28
Freq–b28
W29
Freq–b29
W30
Freq–b30
W31
Freq–b31 (MSB)
W32
6
× REFCLK Multi-
plier Enable
W33
Logic 0*
W34
Power-Down
W35
Phase–b0 (LSB)
W36
Phase–b1
W37
Phase–b2
W38
Phase–b3
W39
Phase–b4 (MSB)
*This bit is always Logic 0.
FQ UD
W34 = 1
OR 0
DATA (7) –
40 W_CLK RISING EDGES
W CLK
W33 = 0
W35 = X
W39 = X
W38 = X
W0 = X
Figure 20. Serial-Load Power-Down\Power-Up Sequence
DIGITAL
OUT
VDD
IOUT
IOUTB
VDD
VINP/
VINN
VDD
DIGITAL
IN
VDD
a. DAC Output
b. Comparator Output
c. Comparator Input
d. Digital Input
Figure 21. I/O Equivalent Circuits
Figure 20 shows a normal 40-bit serial word load sequence with
W33 always set to Logic 0 and W34 set to Logic 1 or Logic 0 to
control the power-down function. The logic states of the remain-
ing 38 bits are unimportant and are marked with an X, indicating
“don’t care” status. To power down, set W34 = 1. To power up
from a powered down state, change W34 to Logic 0. Wake-up
from power-down mode requires approximately 5
µs.
Note: The 40-bit input register of the AD9851 is fully program-
mable while in the power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com