Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 3 Page - Texas Instruments

  PCM5142PW Datasheet HTML 1Page - Texas Instruments PCM5142PW Datasheet HTML 2Page - Texas Instruments PCM5142PW Datasheet HTML 3Page - Texas Instruments PCM5142PW Datasheet HTML 4Page - Texas Instruments PCM5142PW Datasheet HTML 5Page - Texas Instruments PCM5142PW Datasheet HTML 6Page - Texas Instruments PCM5142PW Datasheet HTML 7Page - Texas Instruments PCM5142PW Datasheet HTML 8Page - Texas Instruments PCM5142PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
spacer
DEVICE INFORMATION
PCM514x pin assignments-1 MODE1 tied DVDD : SPI mode
PCM514x (top view)
Table 2. PCM514x SPI mode Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
PIN
CPVDD
1
-
Charge pump power supply, 3.3V
CAPP
2
O
Charge pump flying capacitor terminal for positive rail
CPGND
3
-
Charge pump ground
CAPM
4
O
Charge pump flying capacitor terminal for negative rail
VNEG
5
O
Negative charge pump rail terminal for decoupling, -3.3V
OUTL
6
O
Analog output from DAC left channel
OUTR
7
O
Analog output from DAC right channel
AVDD
8
-
Analog power supply, 3.3V
AGND
9
-
Analog ground
VCOM output (Optional mode selected by register; default setting is VREF mode.) When in
VCOM
10
O
VREF mode (default), this pin ties to GND. When in VCOM mode, decoupling capacitor to
GND is required.
MOSI
11
I
Input data for SPI(1)
MC
12
I
Input clock for SPI(1)
GPIO5
13
I/O
General purpose digital input and output port
GPIO4
14
I/O
General purpose digital input and output port
GPIO3
15
I/O
General purpose digital input and output port
GPIO2
16
I/O
General purpose digital input and output port
MODE1
17
I
Mode control selection pin(1)
•
MODE1=Low, MODE2=Low : Hardwired mode
•
MODE1=Low, MODE2=High : I2C mode
MS (MODE2)
18
I
•
MODE1=High : SPI mode, MODE2 pin changes MS pin (chip select for
SPI)
GPIO6
19
I/O
General purpose digital input and output port
SCK
20
I
System clock input(1)
BCK
21
I/O
Audio data bit clock input (slave) or output (master)(1)
DIN
22
I
Audio data input(1)
LRCK
23
I/O
Audio data word clock input (slave) or output (master)(1)
Primary output data for SPI readback
MISO (GPIO1)
24
I/O
Secondary; general purpose digital input/output port controlled by register
XSMT
25
I
Soft mute control(1) Soft mute (Low) / soft un-mute (High)
(1)
Failsafe LVCMOS Schmitt trigger input.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com