Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 67Page - Texas Instruments PCM5142PW Datasheet HTML 68Page - Texas Instruments PCM5142PW Datasheet HTML 69Page - Texas Instruments PCM5142PW Datasheet HTML 70Page - Texas Instruments PCM5142PW Datasheet HTML 71Page - Texas Instruments PCM5142PW Datasheet HTML 72Page - Texas Instruments PCM5142PW Datasheet HTML 73Page - Texas Instruments PCM5142PW Datasheet HTML 74Page - Texas Instruments PCM5142PW Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
Table 47. Control Interface Timing
Parameters
Min
Max
Units
tMCY
MC Pulse Cycle Time
100
tMCL
MC Low Level Time
40
tMCH
MC High Level Time
40
tMHH
MS High Level Time
20
tMSS
MS
↓ Edge to MC ↑ Edge
30
ns
tMSH
MS Hold Time(1)
30
tMDH
MDI Hold Time
15
tMDS
MDI Set-up Time
15
tMOS
MC Rise Edge to MDO Stable
20
(1)
MC falling edge for LSB to MS rising edge.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com