Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 79 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 75Page - Texas Instruments PCM5142PW Datasheet HTML 76Page - Texas Instruments PCM5142PW Datasheet HTML 77Page - Texas Instruments PCM5142PW Datasheet HTML 78Page - Texas Instruments PCM5142PW Datasheet HTML 79Page - Texas Instruments PCM5142PW Datasheet HTML 80Page - Texas Instruments PCM5142PW Datasheet HTML 81Page - Texas Instruments PCM5142PW Datasheet HTML 82Page - Texas Instruments PCM5142PW Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
Table 58. miniDSP Instruction Map (continued)
I899
181
124
Reserved.
Reserved.
Reserved.
Reserved.
I900
182
8
Reserved.
Reserved.
Reserved.
Reserved.
..
..
..
..
..
..
..
I929
182
124
Reserved.
Reserved.
Reserved.
Reserved.
I930
183
8
Reserved.
Reserved.
Reserved.
Reserved.
..
..
..
..
..
..
..
I959
183
124
Reserved.
Reserved.
Reserved.
Reserved.
I960
184
8
Reserved.
Reserved.
Reserved.
Reserved.
..
..
..
..
..
..
..
I989
184
124
Reserved.
Reserved.
Reserved.
Reserved.
I990
185
8
Reserved.
Reserved.
Reserved.
Reserved.
..
..
..
..
..
..
..
I1019
185
124
Reserved.
Reserved.
Reserved.
Reserved.
I1020
186
8
Reserved.
Reserved.
Reserved.
Reserved.
..
..
..
..
..
..
..
I1023
186
20
Reserved.
Reserved.
Reserved.
Reserved.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com