Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 9Page - Texas Instruments PCM5142PW Datasheet HTML 10Page - Texas Instruments PCM5142PW Datasheet HTML 11Page - Texas Instruments PCM5142PW Datasheet HTML 12Page - Texas Instruments PCM5142PW Datasheet HTML 13Page - Texas Instruments PCM5142PW Datasheet HTML 14Page - Texas Instruments PCM5142PW Datasheet HTML 15Page - Texas Instruments PCM5142PW Datasheet HTML 16Page - Texas Instruments PCM5142PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency [kHz]
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency [kHz]
-110
-90
-70
-50
-30
-10
10
-100
-80
-60
-40
-20
0
Input Level [dBFS]
-110
-90
-70
-50
-30
-10
10
-100
-80
-60
-40
-20
0
Input Level [dBFS]
PCM5141, PCM5142
www.ti.com
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512 fS and 24-bit data unless
otherwise noted.
PCM5141 THD+N vs
PCM5142 THD+N vs
vs
vs
Input Level
Input Level
Figure 2.
Figure 3.
PCM5141 FFT Plot at -60dB Input
PCM5142 FFT Plot at -60dB Input
Figure 4.
Figure 5.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com