Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 92 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 88Page - Texas Instruments PCM5142PW Datasheet HTML 89Page - Texas Instruments PCM5142PW Datasheet HTML 90Page - Texas Instruments PCM5142PW Datasheet HTML 91Page - Texas Instruments PCM5142PW Datasheet HTML 92Page - Texas Instruments PCM5142PW Datasheet HTML 93Page - Texas Instruments PCM5142PW Datasheet HTML 94Page - Texas Instruments PCM5142PW Datasheet HTML 95Page - Texas Instruments PCM5142PW Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 110 page
background image
PCM5141, PCM5142
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
Page 0 / Register 60
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
60
3C
RSV
RSV
RSV
RSV
RSV
RSV
PCTL1
PCTL0
Reset Value
0
0
RSV
Reserved
Reserved. Do not access.
PCTL[1:0]
Digital Volume Control
These bits control the behavior of the digital volume.
Default value: 00
00: The volume for Left and right channels are independent
01: Right channel volume follows left channel setting
10: Left channel volume follows right channel setting
11: Reserved (The volume for Left and right channels are independent)
Page 0 / Register 61
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
61
3D
VOLL7
VOLL6
VOLL5
VOLL4
VOLL3
VOLL2
VOLL1
VOLL0
Reset Value
0
0
1
1
0
0
0
0
VOLL[7:0]
Left Digital Volume
These bits control the left channel digital volume. The digital volume is 24 dB to -103 dB in -0.5 dB step.
Default value: 00110000
00000000: +24.0 dB
00000001: +23.5 dB
00101111: +0.5 dB
00110000: 0.0 dB
00110001: -0.5 dB
...
11111110: -103 dB
11111111: Mute
Page 0 / Register 62
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
62
3E
VOLR7
VOLR6
VOLR5
VOLR4
VOLR3
VOLR2
VOLR1
VOLR0
Reset Value
0
0
1
1
0
0
0
0
VOLR[7:0]
Right Digital Volume
These bits control the right channel digital volume. The digital volume is 24 dB to -103 dB in -0.5 dB step.
Default value: 00110000
00000000: +24.0 dB
00000001: +23.5 dB
00101111: +0.5 dB
00110000: 0.0 dB
00110001: -0.5 dB
...
11111110: -103 dB
11111111: Mute
92
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com