Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 28Page - Texas Instruments PCM5142PW Datasheet HTML 29Page - Texas Instruments PCM5142PW Datasheet HTML 30Page - Texas Instruments PCM5142PW Datasheet HTML 31Page - Texas Instruments PCM5142PW Datasheet HTML 32Page - Texas Instruments PCM5142PW Datasheet HTML 33Page - Texas Instruments PCM5142PW Datasheet HTML 34Page - Texas Instruments PCM5142PW Datasheet HTML 35Page - Texas Instruments PCM5142PW Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
PCM5141, PCM5142
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
Table 13. Recommended Clock Divider Settings for PLL as Master Clock (VCOM Mode) (continued)
SCK
PLL VCO
PLL REF
DSP CLK
MOD f
fS (kHz)
RSCK
P
M = K*R
K = J.D
R
PLL FS
DSP FS
NMAC
MOD fS
NDAC
DOSR
% Error
NCP
CP f (kHz)
(MHz)
(MHz)
(MHz)
(MHz)
(kHz)
48
1024
49.152
73.728
8
6.144
12
12
1
1536
768
2
36.864
128
6144
12
8
0
4
1536
96
32
3.072
73.728
2
1.536
48
24
2
768
384
2
36.864
64
6144
12
4
0
4
1536
96
48
4.608
73.728
3
1.536
48
24
2
768
384
2
36.864
64
6144
12
4
0
4
1536
96
64
6.144
73.728
2
3.072
24
12
2
768
384
2
36.864
64
6144
12
4
0
4
1536
96
128
12.288
73.728
4
3.072
24
24
1
768
384
2
36.864
64
6144
12
4
0
4
1536
96
192
18.432
73.728
6
3.072
24
24
1
768
384
2
36.864
64
6144
12
4
0
4
1536
96
256
24.576
73.728
8
3.072
24
24
1
768
384
2
36.864
64
6144
12
4
0
4
1536
96
384
36.864
73.728
6
6.144
12
12
1
768
384
2
36.864
64
6144
12
4
0
4
1536
96
512
49.152
73.728
8
6.144
12
12
1
768
384
2
36.864
64
6144
12
4
0
4
1536
192
32
6.144
73.728
2
3.072
24
12
2
384
192
2
36.864
32
6144
12
2
0
4
1536
192
48
9.216
73.728
3
3.072
24
12
2
384
192
2
36.864
32
6144
12
2
0
4
1536
192
64
12.288
73.728
4
3.072
24
12
2
384
192
2
36.864
32
6144
12
2
0
4
1536
192
128
24.576
73.728
8
3.072
24
24
1
384
192
2
36.864
32
6144
12
2
0
4
1536
192
192
36.864
73.728
6
6.144
12
12
1
384
192
2
36.864
32
6144
12
2
0
4
1536
192
256
49.152
73.728
8
6.144
12
12
1
384
192
2
36.864
32
6144
12
2
0
4
1536
384
32
12.288
73.728
2
6.144
12
6
2
192
96
2
36.864
16
6144
12
1
0
4
1536
384
48
18.432
73.728
3
6.144
12
6
2
192
96
2
36.864
16
6144
12
1
0
4
1536
384
64
24.576
73.728
4
6.144
12
6
2
192
96
2
36.864
16
6144
12
1
0
4
1536
384
128
49.152
73.728
8
6.144
12
12
1
192
96
2
36.864
16
6144
12
1
0
4
1536
32
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com