Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 10Page - Texas Instruments PCM5142PW Datasheet HTML 11Page - Texas Instruments PCM5142PW Datasheet HTML 12Page - Texas Instruments PCM5142PW Datasheet HTML 13Page - Texas Instruments PCM5142PW Datasheet HTML 14Page - Texas Instruments PCM5142PW Datasheet HTML 15Page - Texas Instruments PCM5142PW Datasheet HTML 16Page - Texas Instruments PCM5142PW Datasheet HTML 17Page - Texas Instruments PCM5142PW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency [kHz]
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency [kHz]
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency [kHz]
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency [kHz]
PCM5141, PCM5142
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512 fS and 24-bit data unless
otherwise noted.
PCM5141 FFT Plot at BPZ
PCM5142 FFT Plot at BPZ
Figure 6.
Figure 7.
PCM5141 FFT Plot at BPZ With AMUTE
PCM5142 FFT Plot at BPZ With AMUTE
Figure 8.
Figure 9.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com