Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 63 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 59Page - Texas Instruments PCM5142PW Datasheet HTML 60Page - Texas Instruments PCM5142PW Datasheet HTML 61Page - Texas Instruments PCM5142PW Datasheet HTML 62Page - Texas Instruments PCM5142PW Datasheet HTML 63Page - Texas Instruments PCM5142PW Datasheet HTML 64Page - Texas Instruments PCM5142PW Datasheet HTML 65Page - Texas Instruments PCM5142PW Datasheet HTML 66Page - Texas Instruments PCM5142PW Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
Table 42. Ramp Up or Down Frequency (continued)
11
Direct change
11
Direct change
Table 43. Ramp Up or Down Step
Ramp down
Ramp up step
Step dB
Comments
Step dB
Comments
step
00
4.0
00
-4.0
01
2.0
01
-2.0
10
1.0
Default
10
-1.0
Default
11
0.5
11
-0.5
Emergency Ramp Down
Digital volume emergency ramp down by is provided for situations such as I2S clock error and power supply
failure. Ramp-down speed is controlled by Page 0, Register 64, D(7:6). Ramp-down step can be controlled by
Page 0 Register 64, D(5:4). Default is ramp-down by every fS cycle with -4dB step.
Zero Data Detect
The PCM514x has a zero-detect function. When the device detects the continuous zero data for both L-ch and
R-cn, or separate L-cn and R-ch, Analog mutes are set to both OUTL and OUTR, or separate OUTL and OUTR.
These are controlled by Page0, Register 65, D(2:1) as shown in Table 44.
Continuous Zero data cycles are counted by LRCK, and the threshold of decision for analog mute can be set by
Page 0, Register 59, D(6:4) for L-ch, and D(2:0) for Rch as shown in Table 45. Default values are 0 for both
channels.
In Hardware mode, the device uses default values.
Table 44. Zero Detection Mode
ATMUTECTL
Value
Function
0
Independently L-ch or R-ch are zero data for zero detection
Bit : 2
1 (Default)
Both L-ch and R-ch have to be zero data for zero detection
0
Zero detection and analog mute are disabled for R-ch
Bit : 1
1 (Default)
Zero detection analog mute are enabled for R-ch
0
Zero detection analog mute are disabled for L-ch
Bit : 0
1 (Default)
Zero detection analog mute are enabled for L-ch
Table 45. Zero Data Detection Time
ATMUTETIML /
Number of LRCKs
Time @ 48kHz
ATMUTETIMR
0 0 0
1024
21 ms
0 0 1
5120
106 ms
0 1 0
10240
213 ms
0 1 1
25600
533 ms
1 0 0
51200
1.066 sec
1 0 1
102400
2.133 sec
1 1 0
256000
5.333 sec
1 1 1
512000
10.66 sec
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com