Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 53 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 49Page - Texas Instruments PCM5142PW Datasheet HTML 50Page - Texas Instruments PCM5142PW Datasheet HTML 51Page - Texas Instruments PCM5142PW Datasheet HTML 52Page - Texas Instruments PCM5142PW Datasheet HTML 53Page - Texas Instruments PCM5142PW Datasheet HTML 54Page - Texas Instruments PCM5142PW Datasheet HTML 55Page - Texas Instruments PCM5142PW Datasheet HTML 56Page - Texas Instruments PCM5142PW Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
−0.002
−0.0015
−0.001
−0.0005
0
0.0005
0.001
0.0015
0.002
0
0.5
1
Frequency (
× f
S)
G008
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
Frequency (
× f
S)
G002
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
250
300
Samples
G005
PCM5141, PCM5142
www.ti.com
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
Table 31. High-Attentuation x4 Interpolation Filter, Dual Rate
Parameter
Condition
Value (Typical)
Value (Max)
Units
Filter Gain Pass Band
0 ……. 0.45fS
±0.0005
dB
Filter Gain Stop Band
0.55fS ….. 3.455fS
–100
dB
Filter Group Delay
33.7tS
S
Figure 65. High-Attentuation x4 Interpolation Filter
Figure 66. High-Attentuation x4 Interpolation Filter
Frequency Response, Dual Rate
Impulse Response, Dual Rate
Figure 67. High-Attentuation x4 Interpolation Filter Passband Ripple, Dual Rate
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com