Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 67 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 63Page - Texas Instruments PCM5142PW Datasheet HTML 64Page - Texas Instruments PCM5142PW Datasheet HTML 65Page - Texas Instruments PCM5142PW Datasheet HTML 66Page - Texas Instruments PCM5142PW Datasheet HTML 67Page - Texas Instruments PCM5142PW Datasheet HTML 68Page - Texas Instruments PCM5142PW Datasheet HTML 69Page - Texas Instruments PCM5142PW Datasheet HTML 70Page - Texas Instruments PCM5142PW Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
3.3V
XSMT
I
2
S Clocks
SCK, BCK, LRCK
150t + 0.2ms
S
VDD
0V
High
Low
High
Low
Time
PCM5141, PCM5142
www.ti.com
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
Recommended Powerdown Sequence
With inadequate system design, the PCM514x can exhibit some pop on power down. Pops are caused by the
device not having enough time to detect power loss and start the muting process.
The PCM514x evaluation board avoids audible pop with an electrolytic decoupling capacitor. This capacitor
provides enough time between data loss from USB or S/PDIF and power supply loss for the muting process to
take place.
The PCM514x has two auto-mute functions to mute the device upon power loss (intentional or unintentional).
XSMT = 0
When the XSMT pin is pulled low, the incoming PCM data is attenuated to 0, closely followed by a hard analog
mute. This process takes 150 sample times (ts) + 0.2mS.
As this mute time is mainly dominated by the sampling frequency, systems sampling at 192kHz will mute much
faster than a 48kHz system.
Clock Error Detect
When clock error is detected on the incoming data clock, the PCM514x family switches to an internal oscillator,
and continues to the drive the DAC, while attenuating the data from the last known value. Once this process is
complete, the PCM514x outputs will be hard muted to ground.
Planned Shutdown
These auto-muting processes can be manipulated by system designs to mute before power loss in the following
ways:
1. Assert XSMT low 150tS + 0.2mS before power is removed.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com