Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 74 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 70Page - Texas Instruments PCM5142PW Datasheet HTML 71Page - Texas Instruments PCM5142PW Datasheet HTML 72Page - Texas Instruments PCM5142PW Datasheet HTML 73Page - Texas Instruments PCM5142PW Datasheet HTML 74Page - Texas Instruments PCM5142PW Datasheet HTML 75Page - Texas Instruments PCM5142PW Datasheet HTML 76Page - Texas Instruments PCM5142PW Datasheet HTML 77Page - Texas Instruments PCM5142PW Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
PCM5141, PCM5142
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
Table 54. I2C Bus Timing
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Standard
100
kHz
fSCL
SCL clock frequency
Fast
400
kHz
Standard
4.7
Bus free time between a STOP and START
tBUF
µs
condition
Fast
1.3
Standard
4.7
tLOW
Low period of the SCL clock
µs
Fast
1.3
Standard
4.0
µs
tHI
High period of the SCL clock
Fast
600
ns
Standard
4.7
µs
tRS-SU
Setup time for (repeated)START condition
Fast
600
ns
tS-HD
Standard
4.0
µs
Hold time for (repeated)START condition
tRS-HD
Fast
600
ns
Standard
250
tD-SU
Data setup time
ns
Fast
100
Standard
0
900
tD-HD
Data hold time
ns
Fast
0
900
Standard
20 + 0.1CB
1000
tSCL-R
Rise time of SCL signal
ns
Fast
20 + 0.1CB
300
Standard
20 + 0.1CB
1000
Rise time of SCL signal after a repeated START
tSCL-R1
ns
condition and after an acknowledge bit
Fast
20 + 0.1CB
300
Standard
20 + 0.1CB
1000
tSCL-F
Fall time of SCL signal
ns
Fast
20 + 0.1CB
300
Standard
20 + 0.1CB
1000
tSDA-R
Rise time of SDA signal
ns
Fast
20 + 0.1CB
300
Standard
20 + 0.1CB
1000
tSDA-F
Fall time of SDA signal
ns
Fast
20 + 0.1CB
300
Standard
4.0
µs
tP-SU
Setup time for STOP condition
Fast
600
ns
CB
Capacitive load for SDA and SCL line
400
pF
tSP
Pulse width of spike suppressed
Fast
50
ns
Noise margin at High level for each connected
VNH
0.2VDD
V
device (including hysteresis)
74
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com