Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PW Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142PW
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142PW Datasheet(HTML) 72 Page - Texas Instruments

Back Button PCM5142PW Datasheet HTML 68Page - Texas Instruments PCM5142PW Datasheet HTML 69Page - Texas Instruments PCM5142PW Datasheet HTML 70Page - Texas Instruments PCM5142PW Datasheet HTML 71Page - Texas Instruments PCM5142PW Datasheet HTML 72Page - Texas Instruments PCM5142PW Datasheet HTML 73Page - Texas Instruments PCM5142PW Datasheet HTML 74Page - Texas Instruments PCM5142PW Datasheet HTML 75Page - Texas Instruments PCM5142PW Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
9
SDA
SCL
St
Start
condition
1–7
8
1–8
9
1–8
9
9
Sp
Stop
condition
Slave address
R/W
ACK
DATA
ACK
DATA
ACK
ACK
R/W:
Read operation if 1; otherwise, write operation
ACK:
Acknowledgement of a byte if 0
DATA:
8 bits (byte)
MSB
LSB
INC
A6
A5
A4
A3
A2
A1
A0
PCM5141, PCM5142
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
I
2C Interface
The PCM514x supports the I2C serial bus and the data transmission protocol for standard and fast mode as a
slave device. This protocol is explained in the I2C specification 2.0.
In I2C mode, the control terminals are changed as follows.
Table 48. I2C Pins and Functions
Signal
Pin
I/O
Description
SDA
11
I/O
I2C data
SCL
12
I
I2C clock
ADR2
16
I
I2C address 2
ADR1
24
I
I2C address 1
Slave Address
Table 49. I2C Slave Address
MSB
LSB
1
0
0
1
1
ADR2
ADR1
R/ W
The PCM514x has 7 bits for its own slave address. The first five bits (MSBs) of the slave address are factory
preset to 10011. The next two bits of the address byte are the device select bits which can be user-defined by
the ADR1 and ADR0 terminals. A maximum of four PCM51xxs can be connected on the same bus at one time.
Each PCM514x responds when it receives its own slave address.
Register Address Auto-Increment Mode
Figure 87. Auto Increment Mode
Auto-increment mode allows multiple sequential register locations to be written to or read back in a single
operation, and is especially useful for block write and read operations.
Packet Protocol
A master device must control packet protocol, which consists of start condition, slave address, read/write bit,
data if write or acknowledge if read, and stop condition. The PCM514x supports only slave receivers and slave
transmitters.
Figure 88. Packet Protocol
72
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com