Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 33Page - Texas Instruments TLC5949 Datasheet HTML 34Page - Texas Instruments TLC5949 Datasheet HTML 35Page - Texas Instruments TLC5949 Datasheet HTML 36Page - Texas Instruments TLC5949 Datasheet HTML 37Page - Texas Instruments TLC5949 Datasheet HTML 38Page - Texas Instruments TLC5949 Datasheet HTML 39Page - Texas Instruments TLC5949 Datasheet HTML 40Page - Texas Instruments TLC5949 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
V
LSD
V
LOD
OLD
Control
2 A (typ)
m
VCC
VLED
PWM
Control
IDM
Control
OUTn
GND
LSD and
OLD Data
LOD Data
Current Flow
for OLD
Current
Flow
for PWM
Current
Flow
for IDM
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
When LOD and LSD data must be read with invisible brightness, the LATTMG bits should be set to the minimum
data larger than the calculated number of GSCLK periods defined by Equation 4. IDM does not work in power-
save mode. Figure 31 shows the LOD, LSD, OLD, and IDM circuit and Table 15 shows a truth table for LOD,
LSD, OLD, and IDM. Refer to Figure 32 for the PWM operation timing.
Figure 31. LOD, LSD, and OLD Circuit
Table 15. LOD, LSD, OLD, ISF, PTW, and TEF Truth Table
CONDITION
SID DATA
LOD
LSD
OLD
ISF
PTW
TEF
OUTn does not leak to
Device temperature is
GND
Device temperature is
lower than thermal
LED is not opened
LED is not shorted
(VOUTn > VLSD when
IREF terminal is not
lower than pre-thermal
0
shutdown threshold
(VOUTn > VLOD)
(VOUTn ≤ VLSD)
constant-current
shorted
warning temperature
temperature
output off and OUTn
(temperature
≤ TPTW)
(temperature
≤ TTEF)
source current on)
Current leaks from
OUTn to internal
GND, or OUTn is
Device temperature is
LED is shorted
Device temperature is
shorted to external
IREF terminal is
higher than thermal
LED is open or
between anode and
higher than pre-
GND with high
shorted to GND with
shutdown threshold
1
shorted to GND
cathode, or shorted to
thermal warning
impedance
low impedance and
temperature and driver
(VOUTn ≤ VLOD)
higher voltage side
temperature
(VOUTn ≤ VLSD when
OUTn are forced off
is forced off
(VOUTn > VLSD)
(temperature > TPTW)
constant-current
(temperature > TTEF)
output off and OUTn
source current on)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com