Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 19Page - Texas Instruments TLC5949 Datasheet HTML 20Page - Texas Instruments TLC5949 Datasheet HTML 21Page - Texas Instruments TLC5949 Datasheet HTML 22Page - Texas Instruments TLC5949 Datasheet HTML 23Page - Texas Instruments TLC5949 Datasheet HTML 24Page - Texas Instruments TLC5949 Datasheet HTML 25Page - Texas Instruments TLC5949 Datasheet HTML 26Page - Texas Instruments TLC5949 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
4096
4094
4095
1
2
3
32nd
Period
17th
Period
24th
Period
3967
3970
3968
3969
127
129
128
130
GSCLK
BLANK Bit in the
First Control Data Latch
(Internal)
(1)
ON
OFF
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
1022
1025
1023
1026
1024
1027
3070
3073
3071
3074
3072
3075
1st Period
25th
Period
31st
Period
(Voltage Level = High)
Note (2)
2nd
Period
8th
Period
16th
Period
9th
Period
2046
2049
2047
2050
2048
2051
1st
Period
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
t = GSCLK
128
´
OFF
OUTn
(GS Data = 000h)
OUTn
(GS Data = 001h)
OUTn
(GS Data = 002h)
OUTn
(GS Data = 003h)
OUTn
(GS Data = 004h)
OUTn
(GS Data = 010h)
OUTn
(GS Data = 020h)
OUTn
(GS Data = 021h)
OUTn
(GS Data = 022h)
OUTn
(GS Data = F80h)
OUTn
(GS Data = F81h)
OUTn
(GS Data = FFEh)
OUTn
(GS Data = FFFh)
t =
GSCLK
127
´
t =
GSCLK
127
´
t = GSCLK
128
´
t = GSCLK
128
´
ON
¼
¼
¼
¼
¼
¼
¼
¼
¼
¼
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
(Voltage Level = Low)
t = GSCLK
1d
´
t =
GSCLK
127
´
t = GSCLK
127 in 2nd to 32nd Period
´
t = GSCLK
127 in 2nd to
Period
´
32nd
t = GSCLK
128 in 2nd to 31st Period
´
t = GSCLK
128 in 2nd to 15th and 17th to
Periods,
t = GSCLK
127 in 16th Period
´
´
31st
t = GSCLK
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
2d
´
t = GSCLK
2d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
2d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
t = GSCLK
1d
´
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
(1) The internal signal is generated when LAT inputs GS data when the display timing reset bit (TMGRST) is set to '1'. This signal has the
same function as BLANK = 1. Furthermore, the signal is generated at the 4096th GSCLK when the auto display repeat bit (DSPRPT) is set to
'1'.
(2) When auto display repeat is on.
Figure 23. ES PWM Operation
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com