Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 14Page - Texas Instruments TLC5949 Datasheet HTML 15Page - Texas Instruments TLC5949 Datasheet HTML 16Page - Texas Instruments TLC5949 Datasheet HTML 17Page - Texas Instruments TLC5949 Datasheet HTML 18Page - Texas Instruments TLC5949 Datasheet HTML 19Page - Texas Instruments TLC5949 Datasheet HTML 20Page - Texas Instruments TLC5949 Datasheet HTML 21Page - Texas Instruments TLC5949 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
127
3/4 BC
I
=
OUTn
I
´ OLCMax
4
1
+
R
=
IREF
I
OLCMax
V
IREF
´ 42.3
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
DETAILED DESCRIPTION
MAXIMUM CONSTANT SINK CURRENT VALUE
The maximum output current value of each channel (IOLCMax) is programmed by a single resistor (RIREF) that is
placed between the IREF and GND pins. The current value can be calculated by Equation 1:
Where:
VIREF = the internal reference voltage on IREF, typically 1.20 V when the global brightness control (BC) data
are at maximum
IOLCMax = 2 mA to 45 mA with BC = 7Fh
(1)
IOLCMax is the highest current for each output. Each output sinks IOLCMax current when it is turned on, and the
global brightness control (BC) data are set to the maximum value of 7Fh (127). Each output sink current can be
reduced by lowering the BC value.
RIREF must be between 1.13 kΩ and 25.4 kΩ in order to hold IOLCMax between 45 mA (typ) and 2 mA (typ).
Otherwise, the output may be unstable. Output currents lower than 2 mA can be achieved by setting IOLCMax to
2 mA or higher and then using global BC to lower the output current.
Table 1 shows the characteristics of the constant-current sink versus the external resistor, RIREF.
Table 1. Maximum Constant-Current Output versus
External Resistor Value
IOLCMax (mA)
RIREF (kΩ, typ)
45
1.13
40
1.27
35
1.45
30
1.70
25
2.03
20
2.53
15
3.38
10
5.08
5
10.2
2
25.4
GLOBAL BRIGHTNESS CONTROL (BC) FUNCTION
The TLC5949 is capable of adjusting the output current of all constant-current outputs simultaneously. This
function is called global brightness control (BC). The global BC for all outputs (OUT0 to OUT15) is programmed
with a 7-bit word. The global BC adjusts all output currents in 128 steps from 25% to 100%, where 100%
corresponds to the maximum output current set by RIREF. Equation 2 calculates the actual output current as a
function of RIREF and global BC value. BC data can be set via the serial interface. When the device is powered
on, the BC data in the first and second control data latches contain random data. Therefore, BC data must be
written to the BC data latch before turning the constant-current output on.
The output current value controlled by BC can be calculated by Equation 2.
Where:
IOLCMax = the maximum constant-current value for each output determined by RIREF
BC = the global brightness control value in the second control data latch (0h to 7Fh)
(2)
18
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com