Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 25Page - Texas Instruments TLC5949 Datasheet HTML 26Page - Texas Instruments TLC5949 Datasheet HTML 27Page - Texas Instruments TLC5949 Datasheet HTML 28Page - Texas Instruments TLC5949 Datasheet HTML 29Page - Texas Instruments TLC5949 Datasheet HTML 30Page - Texas Instruments TLC5949 Datasheet HTML 31Page - Texas Instruments TLC5949 Datasheet HTML 32Page - Texas Instruments TLC5949 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
Lower 137 Bits
Second Control Data Latch (119 Bits)
7 Bits
112 Bits
13-7
20-14
27-21
97-91
104-98
111-105
MSB
118-112
90-84
BC
Bits[6:0]
for OUTn
To
Global Brightness
Control Circuit
No
Applied
Bits
LSB
6-0
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
BC,
7 Bits
112 Reserved Bits (Write '1' to All Bits)
First Control Data Latch (137 Bits)
18 Bits
MSB
136-119
13-7
20-14
27-21
97-91
104-98
111-105
118-112
FC,
18 Bits
90-84
FC
Bits
17-0
BC
Bits[6:0]
for OUTn
To
Function
Control Circuit
LSB
6-0
RSV
Bits
(1)
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
RSV
Bits
BC,
7 Bits
112 Reserved Bits (Write ‘1’ to All Bits)
119 Bits
From Common Shift Register
This latch pulse comes
from the LAT pin when
the MSB of the Common
Shift Register is ‘1’.
The 4096th GSCLK is used
to latch the data when the
Auto Display Repeat is
enabled or when the BLANK bit
is set to ‘1’.
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
First and Second Control Data Latch
The first and second control data latches are 137 bits and 119 bits long, respectively. The first latch contains
global brightness control (BC) data and function control (FC) data; the second latch contains global BC data. The
DC for each constant-current output and the BC for all constant-current outputs are controlled by the second
control data latch. The control data in the first latch are set by the least significant 137 bits from the common shift
register at the LAT rising edge when the common shift register MSB is '1'. The 119 bits of BC data from the first
control data latch are copied to the second latch when the 4096th GSCLK occurs or when the BLANK bit in the
first control data latch is set to '1'.
When the device is powered up, the data in the first latch (except the BLANK and PSMODE bits of the FC bits)
and second latch are random. Therefore, BC and FC data must be written to the first and second control data
latches before turning on the constant-current outputs. The default value of the BLANK bit is '1'. The first and
second control data latch configurations are shown in Figure 29.
(1) RSV = reserved.
Figure 29. First and Second Control Data (BC and FC) Latch Configuration
Global Brightness Control (BC) Data
Global BC data are seven bits long. The global brightness for all outputs is controlled by the second control data
latch. The data are used to adjust the constant-current values for the 16 constant-current outputs. As explained
in the Global Brightness Control (BC) Function section, the BC values are used to adjust the output current from
25% to 100% of the maximum value. The global BC data bit assignment in the first and second latches is shown
in Table 6. Table 2 summarizes the BC data value versus set current value.
Table 6. Global Brightness Control Data Bit Assignment in the Control Data Latch
BIT NUMBER
BIT NAME
CONTROLLED CHANNEL
118-112
BC
BC[6:0] bits for all channels (OUT0-OUT15)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com