Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 4 Page - Texas Instruments

  TLC5949 Datasheet HTML 1Page - Texas Instruments TLC5949 Datasheet HTML 2Page - Texas Instruments TLC5949 Datasheet HTML 3Page - Texas Instruments TLC5949 Datasheet HTML 4Page - Texas Instruments TLC5949 Datasheet HTML 5Page - Texas Instruments TLC5949 Datasheet HTML 6Page - Texas Instruments TLC5949 Datasheet HTML 7Page - Texas Instruments TLC5949 Datasheet HTML 8Page - Texas Instruments TLC5949 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C and VCC = 3 V to 3.6 V, unless otherwise noted. Typical values are at TA = +25°C and VCC = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output voltage
VOH
IOH = –2 mA
VCC – 0.4
VCC
V
(SOUT)
Low-level output voltage
VOL
IOL = 2 mA
0.4
V
(SOUT)
VLOD0
All OUTn = on, LODVLT = 00
0.25
0.30
0.35
V
VLOD1
All OUTn = on, LODVLT = 01
0.55
0.6
0.65
V
LED open-detection threshold
VLOD2
All OUTn = on, LODVLT = 10
0.85
0.9
0.95
V
VLOD3
All OUTn = on, LODVLT = 11
1.15
1.2
1.25
V
VLSD0
All OUTn = on, LSDVLT = 00
0.30 × VCC
0.35 × VCC
0.40 × VCC
V
VLSD1
All OUTn = on, LSDVLT = 01
0.40 × VCC
0.45 × VCC
0.50 × VCC
V
LED short-detection threshold
VLSD2
All OUTn = on, LSDVLT = 10
0.50 × VCC
0.55 × VCC
0.60 × VCC
V
VLSD3
All OUTn = on, LSDVLT = 11
0.60 × VCC
0.65 × VCC
0.70 × VCC
V
VIREF
Reference voltage output
RIREF = 1.1 kΩ
1.17
1.20
1.23
V
Input current
IIN
VIN = VCC or GND
–1
1
μA
(SIN, SCLK, LAT, GSCLK)
SIN, SCLK, LAT, and GSCLK = GND, BLANK = 1,
ICC0
GSn = FFFh, BC = 7Fh, VOUTn = 0.8 V,
1.5
3
mA
RIREF = open (all outputs off)
SIN, SCLK, LAT, and GSCLK = GND, BLANK = 1,
GSn = FFFh, BC = 7Fh,
ICC1
5
7
mA
VOUTn = 0.8 V, RIREF = 2.2 kΩ
(all outputs off, IOUTn = 23.1-mA target)
SIN, SCLK, and LAT = GND, BLANK = 0, auto display
repeat enabled, GSCLK = 33 MHz, GSn = FFFh,
ICC2
7
9
mA
BC = 7Fh, VOUTn = 0.8 V, RIREF = 2.2 kΩ
Supply current (VCC)
(IOUT = 23.1-mA target)
SIN, SCLK, and LAT = GND, BLANK = 0, auto display
repeat enabled, GSCLK = 33 MHz, GSn = FFFh,
ICC3
11
14
mA
BC = 7Fh, VOUTn = 0.8 V, RIREF = 1.1 kΩ
(IOUT = 46.1-mA target)
VCC = 3.3 V, SIN, SCLK, LAT, and GSCLK = GND,
BLANK = 0, auto display repeat enabled, GSn = 000h,
ICC4
BC = 7Fh, in power-save mode,
10
40
µA
VOUTn = 0.8 V, RIREF = 1.1 kΩ
(IOUT = 46.1-mA target)
All OUTn = on, BC = 7Fh, VOUTn = VOUTfix = 0.8 V,
Constant output sink current
IOLC0
RIREF = 1.1 kΩ, TA = +25°C
43.4
46.1
48.8
mA
(OUT0 to OUT15)
(IOLCn = 46.1-mA target)
IOLKG0
TJ = +25°C
0.1
μA
All OUTn = off, BLANK = 1,
Output leakage current
IOLKG1
VOUTn = VOUTfix = 10 V,
TJ = +85°C
(1)
0.2
μA
(OUT0 to OUT15)
RIREF = 1.1 kΩ
IOLKG2
TJ = +125°C
(1)
0.3
0.8
μA
(1)
Not tested; specified by design.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com