Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 29Page - Texas Instruments TLC5949 Datasheet HTML 30Page - Texas Instruments TLC5949 Datasheet HTML 31Page - Texas Instruments TLC5949 Datasheet HTML 32Page - Texas Instruments TLC5949 Datasheet HTML 33Page - Texas Instruments TLC5949 Datasheet HTML 34Page - Texas Instruments TLC5949 Datasheet HTML 35Page - Texas Instruments TLC5949 Datasheet HTML 36Page - Texas Instruments TLC5949 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
Table 12. PSM Select Truth Table: Bits 135, 134
PSMODE
BIT 135
BIT 134
POWER-SAVE MODE (PSM) FUNCTION
0
0
Power-save mode is disabled in every condition
When all '0's are written into the second GS data latch, the device goes into
power-save mode. When an SCLK rising edge occurs, the device goes to normal
0
1
operation and starts to control the output current. However, some recovery time
(tD7) is required to resume normal operation after an SCLK rising edge.
When all '0's are written into the second GS data latch, the device goes into
power-save mode. When the data (except all '0's) are written into the second GS
1
0
data latch, the device goes to normal operation and starts to control the output
current. However, some recovery time (tD7) is required to resume normal operation
after the data changes.
Power-save mode is enabled in every condition. When the device is powered up,
1 (default)
1 (default)
this mode is selected.
Table 13. PSM Select Truth Table: Bit 136
PSMODE
BIT 136
POWER-SAVE MODE (PSM) FUNCTION
The GSCLK signal is used for GS timing control in the same manner as in normal mode even if the
0
device is in power-save mode.
When the device is in power-save mode, the GSCLK signal is forced low internally and GS timing
control logic is not operational in order to reduce power consumption. However, if the lower two bits of
1 (default)
PSMODE (bits 135, 134) are set to '0', the GSCLK signal is not forced low because the PSM is
disabled. When the device is powered up, this mode is selected.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com