Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 24Page - Texas Instruments TLC5949 Datasheet HTML 25Page - Texas Instruments TLC5949 Datasheet HTML 26Page - Texas Instruments TLC5949 Datasheet HTML 27Page - Texas Instruments TLC5949 Datasheet HTML 28Page - Texas Instruments TLC5949 Datasheet HTML 29Page - Texas Instruments TLC5949 Datasheet HTML 30Page - Texas Instruments TLC5949 Datasheet HTML 31Page - Texas Instruments TLC5949 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
192 Bits
First Grayscale (GS) Data Latch (
Bits)
192
MSB
191
48
180
GS Data for OUT15
OUT15
Bit 15
OUT15
Bit 0
OUT3
Bit 0
32
47
OUT2
Bit 15
OUT2
Bit 0
GS Data for OUT2
16
31
OUT1
Bit 15
OUT1
Bit 0
GS Data for OUT1
LSB
0
15
OUT0
Bit 15
OUT0
Bit 0
GS Data for OUT0
192 Bits
Second Grayscale (GS) Data Latch (
Bits)
192
MSB
191
48
180
GS Data for OUT15
OUT15
Bit 15
OUT15
Bit 0
OUT3
Bit 0
32
47
OUT2
Bit 15
OUT2
Bit 0
GS Data for OUT2
16
31
OUT1
Bit 15
OUT1
Bit 0
GS Data for OUT1
LSB
0
15
OUT0
Bit 15
OUT0
Bit 0
GS Data for OUT0
192 Bits
To GS Timing Control Circuit
From Common Shift Register
This latch pulse comes
from the LAT pin when
the MSB of the Common
Shift Register is ‘0’.
The 4096th GSCLK is used
to latch the data when the
Auto Display Repeat is
enabled or when the BLANK bit
is set to ‘1’.
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
193-Bit Common Shift Register
The 193-bit common shift register is used to shift data from the SIN pin into the TLC5949. The data shifted into
the register are used for GS and global BC functions. The common shift register LSB is connected to SIN and
the MSB is connected to SOUT. On each SCLK rising edge, the data on SIN are shifted into the LSB and all 193
bits are shifted towards the MSB. The register MSB is always connected to SOUT. When the device is powered
up, the data in the 193-bit common shift register are random.
First and Second Grayscale (GS) Data Latch
The first and second GS data latches are each 192 bits long, and set the PWM timing for each constant-current
output. The on-time of all constant-current outputs is controlled by the data in the second GS data latch. A LAT
rising edge when the common shift register MSB is '0' shifts the least significant 192 bits of the common shift
register into the first GS latch. The GS data from the first latch are copied into the second latch either when the
4096th GSCLK occurs with the auto display repeat mode enabled, a LAT rising edge for a GS data write occurs
with the display timing reset mode enabled, or the BLANK bit in the first control data latch is set to '1'.
When the device is powered up, the data in the first and second latches are random. Therefore, GS data must
be written to the GS data latches before turning on the constant-current output. The first and second GS data
latch configurations are shown in Figure 28. The data bit assignment is shown in Table 5.
Figure 28. First and Second Grayscale Data Latch Configuration
Table 5. Grayscale Data Latch Bit Description
GS DATA LATCH BIT
CONTROLLED
GS DATA LATCH BIT
CONTROLLED
NUMBER
BIT NAME
CHANNEL
NUMBER
BIT NAME
CHANNEL
11-0
GSOUT0
Bits 11 to 0 for OUT0
107-96
GSOUT8
Bits 11 to 0 for OUT8
23-12
GSOUT1
Bits 11 to 0 for OUT1
119-108
GSOUT9
Bits 11 to 0 for OUT9
35-24
GSOUT2
Bits 11 to 0 for OUT2
131-120
GSOUT10
Bits 11 to 0 for OUT10
47-36
GSOUT3
Bits 11 to 0 for OUT3
143-132
GSOUT11
Bits 11 to 0 for OUT11
59-48
GSOUT4
Bits 11 to 0 for OUT4
155-144
GSOUT12
Bits 11 to 0 for OUT12
71-60
GSOUT5
Bits 11 to 0 for OUT5
167-156
GSOUT13
Bits 11 to 0 for OUT13
83-72
GSOUT6
Bits 11 to 0 for OUT6
179-168
GSOUT14
Bits 11 to 0 for OUT14
95-84
GSOUT7
Bits 11 to 0 for OUT7
191-180
GSOUT15
Bits 11 to 0 for OUT15
28
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com