Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 36Page - Texas Instruments TLC5949 Datasheet HTML 37Page - Texas Instruments TLC5949 Datasheet HTML 38Page - Texas Instruments TLC5949 Datasheet HTML 39Page - Texas Instruments TLC5949 Datasheet HTML 40Page - Texas Instruments TLC5949 Datasheet HTML 41Page - Texas Instruments TLC5949 Datasheet HTML 42Page - Texas Instruments TLC5949 Datasheet HTML 43Page - Texas Instruments TLC5949 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
'0'
See Note (2)
SID Data
Device Junction
Temperature (T )
J
LAT
OUTn
GSCLK
1
2
3 4
4093
4095
4094
4096
1
2
3
OFF
ON
OFF
SCLK
'0'
TEF in SID
(Internal Data)
'0'
'1'
'1'
OFF
ON
See Note (5)
See Note (6)
Old Latched GS Data
New Latched GS Data
First GS Data Latch
(Internal)
BLANK Bit
in First Control Data Latch
(Internal)
(1)
'1'
'0'
PTW in SID
(Internal Data)
'0'
'1'
T <
J
PTW
T
T ³
J
TEF
T
T ³
J
TEF
T
T ³
J
PTW
T
T <
J
TEF -
HYST
T
T
T ³
J
PTW
T
Write Data for First GS Latch
Common Shift Register
(Internal)
T <
J
PTW
T
See Note (4)
See Note (3)
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
CURRENT REFERENCE (IREF PIN) SHORT FLAG (ISF)
The ISF function indicates that the IREF terminal is shorted with low impedance to GND. The ISF bit in the SID is
set to '1' during this condition. Then all outputs, OUTn, are forced off. See Table 15 for the ISF truth table.
PRE-THERMAL WARNING (PTW)
The PTW function indicates that the device junction temperature is high. The PTW in the SID is set to '1' while
the device junction temperature exceeds the temperature threshold (TPTW = +138°C, typ); however, the outputs
are not forced off. When the PTW is set, the device temperature should be reduced by lowering the power
dissipated in it to avoid a forced shutdown by the thermal shutdown circuit. This reduction can be accomplished
by lowering the GS or BC data values. When the device junction temperature drops below the TPTW temperature,
the PTW bit in the SID is set to '0'. Figure 34 shows a timing diagram; see Table 15 for the PTW truth table.
(1) This internal signal is reset when LAT is input for a GS write with the display timing reset enabled.
(2) The PTW bit in SID is reset to '0' at the LAT rising edge for a GS data write if the device junction temperature is below tPTW.
(3) The PTW bit is set to '1' when the device junction temperature is greater than tPTW.
(4) The TEF bit in SID is reset to '0' at the LAT rising edge for a GS data write if the device junction temperature is below tTEF.
(5) OUT0 to OUT15 are forced off when TJ exceeds tTEF. Furthermore, the TEF bit is set to '1' at the same time.
(6) OUT0 to OUT15 are turned on at the first GSCLK rising edge if the device junction temperature is below tTEF with BLANK set to '0'.
Figure 34. PTW, TEF, and TSD Timing
40
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com