Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 13Page - Texas Instruments TLC5949 Datasheet HTML 14Page - Texas Instruments TLC5949 Datasheet HTML 15Page - Texas Instruments TLC5949 Datasheet HTML 16Page - Texas Instruments TLC5949 Datasheet HTML 17Page - Texas Instruments TLC5949 Datasheet HTML 18Page - Texas Instruments TLC5949 Datasheet HTML 19Page - Texas Instruments TLC5949 Datasheet HTML 20Page - Texas Instruments TLC5949 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
G009
Ambient Temperature ( C)
°
-40
100
16
14
12
10
8
6
4
2
0
-20
40
60
80
20
R
= 1.13 k
BC = 7Fh
SIN = SCLK = Low
GSCLK = Low
Power-Save Mode
IREF
W
0
G010
Time (20 ns/div)
Ch 3 (2 V/div)
R
= 0.85 k
V
V
= 5 V
BC = 7Fh, GS = 001h
R = 68
C = 15 pF
GSCLK = 33 MHz
IREF
CC
LED
L
W
= 3.3 V
L
W,
Ch 4 (2 V/div)
Ch 2 (2 V/div)
Ch 1 (5 V/div)
Channel 1
GSCLK
Channel 2
OUT0
Channel 3
OUT1
Channel 4
OUT4
Output Current (mA)
0
60
25
20
15
10
5
0
10
30
40
50
G007
20
T = +25 C
BC = 7Fh
2
SIN = SCLK = 33 MHz
GSCLK = 33 MHz
All Outputs On
A
°
´
G008
Ambient Temperature ( C)
°
-40
100
25
20
15
10
5
0
-20
40
60
80
20
R
= 1.13 k
BC = 7Fh
2
SIN = SCLK = 33 MHz
GSCLK = 33 MHz
All Outputs On
IREF
W
´
0
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, unless otherwise noted.
Figure 18. SUPPLY CURRENT vs OUTPUT CURRENT
Figure 19. SUPPLY CURRENT vs AMBIENT TEMPERATURE
Figure 20. SUPPLY CURRENT IN POWER-SAVE MODE
Figure 21. CONSTANT-CURRENT OUTPUT
vs AMBIENT TEMPERATURE
VOLTAGE WAVEFORM
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com