Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 18Page - Texas Instruments TLC5949 Datasheet HTML 19Page - Texas Instruments TLC5949 Datasheet HTML 20Page - Texas Instruments TLC5949 Datasheet HTML 21Page - Texas Instruments TLC5949 Datasheet HTML 22Page - Texas Instruments TLC5949 Datasheet HTML 23Page - Texas Instruments TLC5949 Datasheet HTML 24Page - Texas Instruments TLC5949 Datasheet HTML 25Page - Texas Instruments TLC5949 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
TLC5949
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
www.ti.com
Enhanced Spectrum (ES) PWM Control
In this PWM control, the total display period is divided into 32 display segments. The total display period is the
time from the first GS clock (GSCLK) to the 4096th GSCLK input after the BLANK bit is set to '0'. Each display
segment has a maximum of 128 GSCLKs. The OUTn on-time changes, depending on the 12-bit GS data. Refer
to Table 4 for the sequence of information and to Figure 23 for the timing information.
Table 4. ES PWM Drive Turn-On Time Length
GS DATA
DECIMAL
HEX
OUTn DRIVER OPERATION
0
000h
Does not turn on
1
001h
Turns on for one GSCLK period in the first display segment
2
002h
Turns on for one GSCLK period in the first and 17th display segments
3
003h
Turns on for one GSCLK period in the first, 17th, and 9th display segments
4
004h
Turns on for one GSCLK period in the first, 17th, 9th, and 25th display segments
5
005h
Turns on for one GSCLK period in the first, 17th, 9th, 25th, and 5th display segments
6
006h
Turns on for one GSCLK period in the first, 17th, 9th, 25th, 5th, and 21th display segments
The number of display segments where OUTn is turned on for one GSCLK is incremented by
increasing GS data in the following order:
—
—
1 > 17 > 9 > 25 5 > 21 > 13 > 29 > 3 > 19 > 11 > 27 > 7 > 23 > 15 > 31 > 2 > 18 > 10 > 26 > 6 >
22 > 14 > 30 > 4 > 20 > 12 > 28 > 8 > 24 > 16 > 32.
Turns on for one GSCLK period in the first to 31st display segments, but does not turn on in the
31
01Fh
32nd display segment
32
020h
Turns on for one GSCLK period in all display segments (first to 32nd)
Turns on for two GSCLK periods in the first display period and for one GSCLK period in all other
33
021h
display periods
The number of display segments where OUTn is turned on for one GSCLK is incremented by
increasing GS data in the following order:
—
—
1 > 17 > 9 > 25 5 > 21 > 13 > 29 > 3 > 19 > 11 > 27 > 7 > 23 > 15 > 31 > 2 > 18 > 10 > 26 > 6 >
22 > 14 > 30 > 4 > 20 > 12 > 28 > 8 > 24 > 16 > 32.
Turns on for two GSCLK periods in the first to 31st display segments and turns on one GSCLK
63
03Fh
period in the 32nd display segment
64
040h
Turns on for two GSCLK periods in all display segments (first to 32nd)
Turns on for three GSCLK periods in the first display segment and for two GSCLK periods in all
65
041h
other display segments
The number of display segments where OUTn is turned on for one GSCLK is incremented by
increasing GS data in the following order:
—
—
1 > 17 > 9 > 25 5 > 21 > 13 > 29 > 3 > 19 > 11 > 27 > 7 > 23 > 15 > 31 > 2 > 18 > 10 > 26 > 6 >
22 > 14 > 30 > 4 > 20 > 12 > 28 > 8 > 24 > 16 > 32.
Turns on for 127 GSCLK periods in the first to 31st display segments, but only turns on for 126
4063
EDFh
GSCLK periods in the 32nd display segment
4064
FE0h
Turns on for 127 GSCLK periods in all display segments (first to 32nd)
Turns on for 128 GSCLK periods in the first display period and for 127 GSCLK periods in the
4065
FE1h
second to 32nd display segments
—
—
—
Turns on for 128 GSCLK periods in the first to 15th and 17th to 31st display segments; also turns
4094
FFEh
on for 127 GSCLK periods in the 16th and 32nd display segments.
Turns on for 128 GSCLK periods in the first to 31st display segments but only turns on for 127
4095
FFFh
GSCLK periods in the 32nd display segment
22
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com