Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 17Page - Texas Instruments TLC5949 Datasheet HTML 18Page - Texas Instruments TLC5949 Datasheet HTML 19Page - Texas Instruments TLC5949 Datasheet HTML 20Page - Texas Instruments TLC5949 Datasheet HTML 21Page - Texas Instruments TLC5949 Datasheet HTML 22Page - Texas Instruments TLC5949 Datasheet HTML 23Page - Texas Instruments TLC5949 Datasheet HTML 24Page - Texas Instruments TLC5949 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
1
2
3
4
No drivers turn on when GS data are '0'.
GSCLK
OUTn
(GSDATA = 000h)
ON
OFF
ON
OFF
t = GSCLK
1
´
OUTn
(GSDATA = 001h)
ON
OFF
t = GSCLK
2
´
ON
OFF
t = GSCLK
3
´
ON
OFF
ON
OFF
OUTn
(GSDATA = 002h)
OUTn
(GSDATA = 003h)
OUTn
(GSDATA = 7FFh)
OUTn
(GSDATA = 800h)
ON
OFF
ON
OFF
ON
OFF
OUTn
(GSDATA = FFEh)
OUTn
(GSDATA = FFFh)
OUTn
(GSDATA = 801h)
ON
OFF
OUTn
(GSDATA = FFDh)
See (2)
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
2048
2049
2050
BLANK Bit
(Internal)
(1)
1
2
3 4
4095
4096
4097
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
(V
)
OUTnH
(V
)
OUTnL
See (3)
See (4)
t = GSCLK
2048
´
t = GSCLK
4095
´
t = GSCLK
2049
´
t = GSCLK
4093
´
t = GSCLK
4094
´
t = GSCLK
2047
´
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
(1) The internal signal is generated when LAT inputs GS data with the display timing reset bit (TMGRST) set to '1'. This signal has the same
function as a BLANK = 1 pulse. Furthermore, the signal is generated at the 4096th GSCLK when the auto display repeat bit (DSPRPT) is set
to '1'.
(2) The GS counter begins to count GSCLK pulses after the BLANK bit is set to '0' or when the LAT signal for a GS data write is input with
the display time reset mode enabled.
(3) OUTn turns on at the first GSCLK rising edge except when GS data are '0' after the BLANK bit is set to '0' or when the LAT signal for a
GS data write is input with the display time reset mode enabled.
(4) OUTn does not turn on again until BLANK is set to '1' at least one time, except when the TMGRST or DSPRPT bits are '1'.
Figure 22. Conventional PWM Operation
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com