Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 5Page - Texas Instruments TLC5949 Datasheet HTML 6Page - Texas Instruments TLC5949 Datasheet HTML 7Page - Texas Instruments TLC5949 Datasheet HTML 8Page - Texas Instruments TLC5949 Datasheet HTML 9Page - Texas Instruments TLC5949 Datasheet HTML 10Page - Texas Instruments TLC5949 Datasheet HTML 11Page - Texas Instruments TLC5949 Datasheet HTML 12Page - Texas Instruments TLC5949 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
t ,t ,t ,t ,t ,t ,t ,t ,t ,t
:
R0
R1
F0
F1
D0
D1
D2
D3
D4
D5,t
,t
D6
D7
Input
(1)
50%
50%
90%
10%
Output
t
D
t ort
R
F
V
orV
OL
OUTnL
V
orV
OH
OUTnH
GND
V
CC
t
, t
, t
, t
, t
:
WH0
WL0
WH1
WL1
WH2
Input
(1)
Clock Input
(1)
Data and Control
Clock
(1)
t
, t
, t
, t
, t , t
SU0
SU1
H0
H1:
SU2
SU3
V
CC
V
CC
GND
V
CC
GND
GND
50%
50%
50%
t
WH
t
WL
t
SU
t
H
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
TIMING DIAGRAMS
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 7. Input Timing
(1)
Input pulse rise and fall time is 1 ns to 3 ns.
Figure 8. Output Timing
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com