Electronic Components Datasheet Search
  English  ▼

X  

TLC5949 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5949
Description  16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5949 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC5949 Datasheet HTML 15Page - Texas Instruments TLC5949 Datasheet HTML 16Page - Texas Instruments TLC5949 Datasheet HTML 17Page - Texas Instruments TLC5949 Datasheet HTML 18Page - Texas Instruments TLC5949 Datasheet HTML 19Page - Texas Instruments TLC5949 Datasheet HTML 20Page - Texas Instruments TLC5949 Datasheet HTML 21Page - Texas Instruments TLC5949 Datasheet HTML 22Page - Texas Instruments TLC5949 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
TLC5949
www.ti.com
SBVS219A – DECEMBER 2012 – REVISED DECEMBER 2012
Table 2 summarizes the BC data versus the set current value.
Table 2. BC Data versus Constant-Current Ratio and Set Current Value
BC DATA
RATIO OF OUTPUT
IOUT (mA)
IOUT (mA)
BINARY
DECIMAL
HEX
CURRENT TO IOLCMax(%)
(IOLCMax= 45 mA, typ)
(IOLCMax= 2 mA, typ)
000 0000
0
00h
25.0
11.25
0.50
000 0001
1
01h
25.6
11.52
0.51
000 0010
2
02h
26.2
11.78
0.52
—
—
—
—
—
—
111 1101
125
7Dh
98.8
44.47
1.98
111 1110
126
7Eh
99.4
44.73
1.99
111 1111
127
7Fh
100.0
45.00
2.00
GRAYSCALE (GS) FUNCTION (PWM CONTROL)
The TLC5949 can adjust the brightness of each output channel using a pulse width modulation (PWM) control
scheme. The architecture of 12 bits per channel results in 4096 brightness steps, from 0% up to 100%
brightness.
The PWM operation for OUTn is controlled by a 12-bit grayscale (GS) counter. The GS counter increments on
each GS reference clock (GSCLK) rising edge. The GS counter resets to 000h when the BLANK bit in the first
control data latch is set to '1'; the counter value is held at 000h while the BLANK bit is '1', even if the GS clock
input is toggled high and low.
The TLC5949 has two types of PWM control: conventional PWM control and enhanced spectrum (ES) PWM
control. The conventional PWM control can be selected when the ESPWM bit in the first control data latch is '0'.
The ES PWM control is selected when the ESPWM bit is '1'.
The on-time (tOUT_ON) of each output (OUTn) can be calculated by Equation 3.
tOUT_ON = tGSCLK × GSn
(3)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TLC5949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com