Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology LTC3891 Datasheet HTML 10Page - Linear Technology LTC3891 Datasheet HTML 11Page - Linear Technology LTC3891 Datasheet HTML 12Page - Linear Technology LTC3891 Datasheet HTML 13Page - Linear Technology LTC3891 Datasheet HTML 14Page - Linear Technology LTC3891 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTC3890-2
11
38902f
FUNCTIONAL DIAGRAM
SW
25, 16
TOP
BOOST
24, 17
TG
26, 15
CB
CIN
DB
CLKOUT
PGND
BOT
BG
23, 18
INTVCC
INTVCC
VIN
COUT
VOUT
38902 FD
RSENSE
DROP
OUT
DET
BOT
TOP ON
S
R
Q
Q
SHDN
SLEEP
0.425V
ICMP
2.7V
0.65V
IR
3mV
SLOPE COMP
DUPLICATE FOR SECOND
CONTROLLER CHANNEL
SENSE+
32, 10
SENSE–
1, 9
PGOOD1
VFB1
0.88V
0.72V
L
27
21
PGOOD2
FREQ
VFB2
0.88V
0.72V
14
+
–
+
–
SWITCH
LOGIC
VFB
31, 11
RA
CC
RC
CC2
RB
0.80V
TRACK/SS
7μA (RUN1)
0.5μA (RUN2)
11V
RUN
7, 8
ITH
30, 12
TRACK/SS
29, 13
CSS
1μA
SHDN
CURRENT
LIMIT
4
PHASMD
3
2
PLLIN/MODE
20μA
VCO
LDO
EN
INTVCC
5.1V
SYNC
DET
100k
CLK2
CLK1
CLP
5
ILIM
28
VIN
EXTVCC
20
22
LDO
PFD
EN
4.7V
5.1V
19
SGND
33
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com