Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
LTC3890-2
20
38902f
APPLICATIONS INFORMATION
where δ is the temperature dependency of RDS(ON) and
RDR (approximately 2Ω) is the effective driver resistance
at the MOSFET’s Miller threshold voltage. VTHMIN is the
typical MOSFET minimum threshold voltage.
Both MOSFETs have I2R losses while the topside N-channel
equation includes an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V the transition losses rapidly
increase to the point that the use of a higher RDS(ON) device
with lower CMILLER actually provides higher efficiency. The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
a short-circuit when the synchronous switch is on close
to 100% of the period.
The term (1+ δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
The optional Schottky diodes D3 and D4 shown in
Figure 11 conduct during the dead-time between the
conduction of the two power MOSFETs. This prevents
the body diode of the bottom MOSFET from turning on,
storing charge during the dead-time and requiring a
reverse recovery period that could cost as much as 3%
in efficiency at high VIN. A 1A to 3A Schottky is generally
a good compromise for both regions of operation due
to the relatively small average current. Larger diodes
result in additional transition losses due to their larger
junction capacitance.
CIN and COUT Selection
The selection of CIN is simplified by the 2-phase architec-
ture and its impact on the worst-case RMS current drawn
through the input network (battery/fuse/capacitor). It can be
shown that the worst-case capacitor RMS current occurs
when only one controller is operating. The controller with
the highest (VOUT)(IOUT) product needs to be used in the
formula shown in Equation 1 to determine the maximum
RMS capacitor current requirement. Increasing the out-
put current drawn from the other controller will actually
decrease the input RMS ripple current from its maximum
value. The out-of-phase technique typically reduces the
input capacitor’s RMS ripple current by a factor of 30%
to 70% when compared to a single phase power supply
solution.
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle (VOUT)/(VIN). To prevent
large voltage transients, a low ESR capacitor sized for the
maximum RMS current of one channel must be used. The
maximum RMS capacitor current is given by:
CIN Required IRMS ≈
IMAX
VIN
VOUT
() V
IN –VOUT
()
⎡⎣
⎤⎦
1/ 2
(1)
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do not
offer much relief. Note that capacitor manufacturers’ ripple
current ratings are often based on only 2000 hours of life.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may be paralleled to meet
size or height requirements in the design. Due to the high
operating frequency of the LTC3890-2, ceramic capacitors
can also be used for CIN. Always consult the manufacturer
if there is any question.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com