Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology LTC3891 Datasheet HTML 37Page - Linear Technology LTC3891 Datasheet HTML 38Page - Linear Technology LTC3891 Datasheet HTML 39Page - Linear Technology LTC3891 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
LTC3890-2
36
38902f
TYPICAL APPLICATIONS
MTOP2
SENSE1+
SENSE1–
VFB1
TRACK/SS2
ITH2
VFB2
SENSE2–
SENSE2+
ITH1
TRACK/SS1
ILIM
PHASMD
CLKOUT
PLLIN/MODE
SGND
EXTVCC
RUN1
RUN2
FREQ
PGOOD2
BG1
CITH1A 100pF
CITH1 680pF
CSS2 0.01μF
CSS1 0.01μF
CITH2 470pF
C1
1nF
COUT1
22μF
×2 CERAMIC
RB1
487k
RA1
16.9k
CF1 33pF
RITH1
46k
RFREQ
60k
RITH2
20k
MTOP1, MTOP2, MBOT1, MBOT2: RJK0651DPB
L1: SUMIDA CDR7D43MN
L2: COILCRAFT SER1360-472KL
COUT1: KEMET T525D476MO16E035
COUT2: SANYO 6TPE470M
D1, D2: DFLS1100
D1
D2
LTC3890-2
L1
22μH
L2
4.7μH
MBOT1
TG1
MTOP1
VOUT1
24V
1A
38902 TA05
INTVCC
100k
PGOOD1
100k
CB1
0.47μF
RA2
18.7k
RB2
100k
C2
1nF
SW1
VOUT2
5V
5A
SW2
BOOST1
CB2 0.47μF
BOOST2
VIN
INTVCC
PGND
TG2
BG2
COUT2
470μF
CINT
4.7μF
MBOT2
RSENSE1
25mΩ
RSENSE2
10mΩ
VIN
28V TO 60V
CIN
100μF
2.2μF
x3
+
High Efficiency Dual 24V/5V Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com