Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology LTC3891 Datasheet HTML 25Page - Linear Technology LTC3891 Datasheet HTML 26Page - Linear Technology LTC3891 Datasheet HTML 27Page - Linear Technology LTC3891 Datasheet HTML 28Page - Linear Technology LTC3891 Datasheet HTML 29Page - Linear Technology LTC3891 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
LTC3890-2
26
38902f
APPLICATIONS INFORMATION
The minimum on-time for the LTC3890-2 is approximately
95ns. However, as the peak sense voltage decreases the
minimum on-time gradually increases up to about 130ns.
This is of particular concern in forced continuous applica-
tions with low ripple current at light loads. If the duty cycle
drops below the minimum on-time limit in this situation,
a significant amount of cycle skipping can occur with cor-
respondingly larger current and voltage ripple.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of
the losses in LTC3890-2 circuits: 1) IC VIN current, 2) IN-
TVCC regulator current, 3) I2R losses, 4) topside MOSFET
transition losses.
1. The VIN current is the DC supply current given in the
Electrical Characteristics table, which excludes MOSFET
driver and control currents. VIN current typically results
in a small (<0.1%) loss.
2. INTVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results
from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge, dQ, moves
from INTVCC to ground. The resulting dQ/dt is a current
out of INTVCC that is typically much larger than the
control circuit current. In continuous mode, IGATECHG
= f(QT + QB), where QT and QB are the gate charges of
the topside and bottom side MOSFETs.
Supplying INTVCC from an output-derived source power
through EXTVCC will scale the VIN current required for
the driver and control circuits by a factor of (Duty Cycle)/
(Efficiency). For example, in a 20V to 5V application,
10mA of INTVCC current results in approximately 2.5mA
of VIN current. This reduces the midcurrent loss from
10% or more (if the driver was powered directly from
VIN) to only a few percent.
3. I2R losses are predicted from the DC resistances of the
fuse (if used), MOSFET, inductor, current sense resis-
tor and input and output capacitor ESR. In continuous
mode the average output current flows through L and
RSENSE, but is chopped between the topside MOSFET
and the synchronous MOSFET. If the two MOSFETs have
approximately the same RDS(ON), then the resistance
of one MOSFET can simply be summed with the resis-
tances of L, RSENSE and ESR to obtain I2R losses. For
example, if each RDS(ON) = 30mΩ, RL = 50mΩ, RSENSE
= 10mΩ and RESR = 40mΩ (sum of both input and
output capacitance losses), then the total resistance
is 130mΩ. This results in losses ranging from 3% to
13% as the output current increases from 1A to 5A for
a 5V output, or a 4% to 20% loss for a 3.3V output.
Efficiency varies as the inverse square of VOUT for the
same external components and output power level. The
combined effects of increasingly lower output voltages
and higher currents required by high performance digital
systems is not doubling but quadrupling the importance
of loss terms in the switching regulator system!
4. Transition losses apply only to the topside MOSFET(s),
and become significant only when operating at high
input voltages (typically 15V or greater). Transition
losses can be estimated from:
Transition Loss = (1.7) • VIN • 2 • IO(MAX) • CRSS • f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com