Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 13Page - Linear Technology LTC3891 Datasheet HTML 14Page - Linear Technology LTC3891 Datasheet HTML 15Page - Linear Technology LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
LTC3890-2
17
38902f
(4a) Using a Resistor to Sense Current
(4b) Using the Inductor DCR to Sense Current
Figure 4. Current Sensing Methods
VIN
VIN
RSENSE
INTVCC
BOOST
TG
SW
BG
PLACE CAPACITOR NEAR
SENSE PINS
SENSE+
R1*
C1*
*R1 AND C1 ARE OPTIONAL.
SENSE–
SGND
LTC3890-2
VOUT
38902 F04a
VIN
VIN
INTVCC
BOOST
TG
SW
BG
*PLACE C1 NEAR
SENSE PINS
INDUCTOR
DCR
L
SENSE+
SENSE–
SGND
LTC3890-2
VOUT
38902 F04b
R1
R2
C1*
(R1||R2) C1 =
L
DCR
RSENSE(EQ) = DCR
R2
R1 + R2
APPLICATIONS INFORMATION
Low Value Resistor Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure 4a. RSENSE is chosen based on the required
output current.
The current comparator has a maximum threshold
VSENSE(MAX) determined by the ILIM setting. The current
comparator threshold voltage sets the peak of the induc-
tor current, yielding a maximum average output current,
IMAX, equal to the peak value less half the peak-to-peak
ripple current, ΔIL. To calculate the sense resistor value,
use the equation:
RSENSE =
VSENSE(MAX)
IMAX +
ΔI
L
2
To ensure that the application will deliver full load current
over the full operating temperature range, choose the
minimum value for the Maximum Current Sense Threshold
(VSENSE(MAX)) in the Electrical Characteristics table (30mV,
50mV or 75mV, depending on the state of the ILIM pin).
When using the controller in very low dropout conditions,
the maximum output current level will be reduced due to
the internal compensation required to meet stability cri-
terion for buck regulators operating at greater than 50%
duty factor. A curve is provided in the Typical Performance
Characteristics section to estimate this reduction in peak
inductor current depending upon the operating duty factor.
Inductor DCR Sensing
For applications requiring the highest possible efficiency
at high load currents, the LTC3890-2 is capable of sensing
the voltage drop across the inductor DCR, as shown in
Figure 4b. The DCR of the inductor represents the small
amount of DC resistance of the copper wire, which can be
less than 1mΩ for today’s low value, high current inductors.
In a high current application requiring such an inductor,
power loss through a sense resistor would cost several
points of efficiency compared to inductor DCR sensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com