Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology LTC3891 Datasheet HTML 25Page - Linear Technology LTC3891 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LTC3890-2
22
38902f
APPLICATIONS INFORMATION
Alternatively, the TRACK/SS pin can be used to track two
(or more) supplies during start-up, as shown qualitatively
in Figures 7a and 7b. To do this, a resistor divider should
be connected from the master supply (VX) to the TRACK/
SS pin of the slave supply (VOUT), as shown in Figure 8.
During start-up VOUT will track VX according to the ratio
set by the resistor divider:
VX
VOUT
=
RA
RTRACKA
•
RTRACKA + RTRACKB
RA + RB
For coincident tracking (VOUT = VX during start-up):
RA = RTRACKA
RB = RTRACKB
INTVCC Regulators
The LTC3890-2 features two separate internal P-channel
low dropout linear regulators (LDO) that supply power at
the INTVCC pin from either the VIN supply pin or the EXT-
VCC pin depending on the connection of the EXTVCC pin.
INTVCC powers the gate drivers and much of the LTC3890-
2’s internal circuitry. The VIN LDO and the EXTVCC LDO
regulate INTVCC to 5.1V. Each of these can supply a peak
current of 50mA and must be bypassed to ground with a
minimum of 4.7μF ceramic capacitor. No matter what type of
bulk capacitor is used, an additional 1μF ceramic capacitor
placed directly adjacent to the INTVCC and PGND pins is
highly recommended. Good bypassing is needed to supply
the high transient currents required by the MOSFET gate
drivers and to prevent interaction between the channels.
TIME
VX(MASTER)
VOUT(SLAVE)
38902 F07a
TIME
38902 F07b
VX(MASTER)
VOUT(SLAVE)
1/2 LTC3890-2
VOUT
Vx
VFB
TRACK/SS
38902 F08
RB
RA
RTRACKA
RTRACKB
(7a) Coincident Tracking
(7b) Ratiometric Tracking
Figure 8. Using the TRACK/SS Pin for Tracking
1/2 LTC3890-2
TRACK/SS
CSS
SGND
38902 F06
Figure 6. Using the TRACK/SS Pin to Program Soft-Start
Figure 7. Two Different Modes of Output Voltage Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com